Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA7008 Datasheet(PDF) 24 Page - Analog Devices

Part # ADPA7008
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADPA7008 Datasheet HTML 20Page - Analog Devices ADPA7008 Datasheet HTML 21Page - Analog Devices ADPA7008 Datasheet HTML 22Page - Analog Devices ADPA7008 Datasheet HTML 23Page - Analog Devices ADPA7008 Datasheet HTML 24Page - Analog Devices ADPA7008 Datasheet HTML 25Page - Analog Devices ADPA7008 Datasheet HTML 26Page - Analog Devices ADPA7008 Datasheet HTML 27Page - Analog Devices ADPA7008 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Data Sheet
ADPA7008
BIASING ADPA7008 WITH THE HMC980LP4E
analog.com
Rev. 0 | 24 of 28
The HMC980LP4E is an active bias controller that is designed to
meet the bias requirements for enhancement mode and depletion
mode amplifiers such as the ADPA7008. The controller provides
constant drain current biasing over temperature and device to
device variation, and properly sequences gate and drain voltages
to ensure the safe operation of the amplifier. The HMC980LP4E
also offers self protection in the event of a short circuit, an internal
charge pump that generates the negative voltage needed on the
gate of the ADPA7008, and the option to use an external negative
voltage source.
The HMC980LP4E is also available in die form as the HMC980-Die.
VDD
CONTROL
BLOCK
PACKAGE
BASE
GND
BAND GAP
NEGATIVE
VOLTAGE
GENERATOR
GATE
CONTROL
1
ALM
EN
S1
S0
VDD
VDRAIN
VG2_CONT
VG2
VNEG
VGATE
VDRAIN
6
5
4
3
2
18
13
14
15
16
17
HMC980LP4E
Figure 74. Functional Diagram of HMC980LP4E
APPLICATION CIRCUIT SETUP
Figure 75 is the schematic of an application circuit using the
HMC980LP4E to control the ADPA7008. When using an external
negative supply for VNEG, refer to the schematic in Figure 76.
In the application circuit shown in Figure 75, the ADPA7008 drain
voltage, VDRAIN, and drain current, IDRAIN, are set by the following
equations:
VDD = VDRAIN+  IDRAIN× 0.7 Ω (1)
VDD = 5 V + (1.6 A × 0.7 Ω) = 6.12 V
where:
VDD and VDRAIN are in volts.
IDRAIN is in amperes.
R10= 150Ω×A ÷ IDRAIN
(2)
R10 = (150 Ω × A) ÷ (1.6 A) = 94 Ω
where:
R10 is in ohms.
IDRAIN is in amperes.
LIMITING VGATE FOR THE ADPA7008 VGGX
ABSOLUTE MAXIMUM RATING REQUIREMENT
When using the HMC980LP4E to control the ADPA7008, the mini-
mum voltages for VNEG and VGATE must be −1.5 V to keep the
voltages within the absolute maximum rating limit for the VGGx
pin of the ADPA7008. To set the minimum voltages, set R15 and
R16 to the values shown in Figure 75 and Figure 76. Refer to the
AN-1363 for more information and calculations for R15 and R16.
The HMC980LP4E application circuits for biasing figures in the
AN-1363 are two examples of how the HMC980LP4E is used as an
active bias controller. Both application circuits within the AN-1363
show the R5 and R7 resistors, which are analogous to the R15 and
R16 resistor shown in Figure 75 and Figure 76.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com