Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA7008 Datasheet(PDF) 25 Page - Analog Devices

Part # ADPA7008
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADPA7008 Datasheet HTML 20Page - Analog Devices ADPA7008 Datasheet HTML 21Page - Analog Devices ADPA7008 Datasheet HTML 22Page - Analog Devices ADPA7008 Datasheet HTML 23Page - Analog Devices ADPA7008 Datasheet HTML 24Page - Analog Devices ADPA7008 Datasheet HTML 25Page - Analog Devices ADPA7008 Datasheet HTML 26Page - Analog Devices ADPA7008 Datasheet HTML 27Page - Analog Devices ADPA7008 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADPA7008
BIASING ADPA7008 WITH THE HMC980LP4E
analog.com
Rev. 0 | 25 of 28
Figure 75. Application Circuit Using HMC980LP4E with ADPA7008 (Internal Negative Voltage Source)
Figure 76. Application Circuit Using HMC980LP4E with ADPA7008 (External Negative Voltage Source)
HMC980LP4E BIAS SEQUENCE
When using the HMC980LP4E to control the ADPA7008, the dc
supply sequences described in the Power-Up Sequence section
and the Power-Down Sequence section are recommended to pre-
vent damage to the HMC980LP4E and the ADPA7008.
Power-Up Sequence
The power-up sequence for the HMC980LP4E is as follows:
1. Set EN = 0 V to ensure that the HMC980LP4E powers up
without turning on the VGATE and VDRAIN pins.
2. Set VDIG = 3.3 V.
3. Set S0 and S1 = 3.3 V. The Sx pins are internally pulled up to
VDIG; therefore, this step is optional
4. Set VDD = 6.12 V.
5. Set VNEG = −1.5 V. Note that this step is unnecessary if using
the internally generated negative voltage.
6. Set EN = 3.3 V, which turns on the VGATE and VDRAIN pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com