Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB3317 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FUSB3317
Description  Automotive USB Power Delivery Source Controller for USB-C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3317 Datasheet(HTML) 5 Page - ON Semiconductor

  FUSB3317 Datasheet HTML 1Page - ON Semiconductor FUSB3317 Datasheet HTML 2Page - ON Semiconductor FUSB3317 Datasheet HTML 3Page - ON Semiconductor FUSB3317 Datasheet HTML 4Page - ON Semiconductor FUSB3317 Datasheet HTML 5Page - ON Semiconductor FUSB3317 Datasheet HTML 6Page - ON Semiconductor FUSB3317 Datasheet HTML 7Page - ON Semiconductor FUSB3317 Datasheet HTML 8Page - ON Semiconductor FUSB3317 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FUSB3317
www.onsemi.com
5
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
VBAT Battery Pin Voltage (Note 1)
VVBATMAX
−0.3 to 54
V
Connector Pins Voltage: VBUS, DISC, CATH, CC1, CC2, D+ and D−
VHIGHMAX
−0.3 to 27 V
V
Low Voltage Pins: DC_EN, DON, IS−, VFB, IFG, BATUV, NTC, PDIV1 and
PDIV0
VLOWMAX
−0.3 to 6 V
V
Supply Output Range on Pin VDD
VVDDMAX
−0.3 to 6 V
V
Current Sense Input on Pin IS+
VIS+MAX
IS− + 0.1
V
Maximum Junction Temperature
TJ(max)
150
°C
Storage Temperature Range
TSTG
−65 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2
kV
ESD Capability, Charged Device Model (Note 2)
ESDCDM
750
V
Lead Temperature Soldering
Reflow (SMD Styles Only), Pb−Free Versions (Note 3)
TSLD
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS, RECOMMENDED OPERATING RANGES and/or APPLICATION INFORMATION for Safe
Operating parameters.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Charged Device Model tested per AEC−Q100−011 (EIA/JESD22−C101)
3. For information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, QFNW20, 4x4 mm2 (Note 1)
Thermal Resistance, Junction−to−Air (Note 4)
Thermal Reference, Junction−to−Case (Note 4)
RθJA
RθJC
36.1
2.3
°C/W
4. Values based on copper area of 645 mm2 (or 1 in2) of 1 oz copper thickness and FR4 PCB substrate.
RECOMMENDED OPERATING RANGES
Rating
Symbol
Min
Max
Unit
Input VBAT Voltage
VVBAT
4.5
45
V
I/O VBUS Voltage
VVBUS
3.13
22.05
V
Output VDD Supply Voltage
VVDD
4.75
5.5
V
I/O CC1 and CC2 Voltage
VCC1CC2
0
5.5
V
I/O D+ and D− Voltage
VD+D−
0
3.6
V
I/O PDIV0 and PDIV1 Voltage
VPDIV0−1
0
5.5
V
I/O NTC Voltage
VNTC
0
5.5
V
Output DON and DC_EN Voltage
VDONEN
0
5.5
V
Output Current as sensed by IS+ to IS− with 5 mΩ resistor
Iout
0
5
A
Ambient Temperature
TA
−40
85 (Commercial)
105 (Automotive)
°C
Junction Temperature
TJ
−40
135
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com