Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB3317 Datasheet(PDF) 14 Page - ON Semiconductor

Part # FUSB3317
Description  Automotive USB Power Delivery Source Controller for USB-C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3317 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button FUSB3317 Datasheet HTML 8Page - ON Semiconductor FUSB3317 Datasheet HTML 9Page - ON Semiconductor FUSB3317 Datasheet HTML 10Page - ON Semiconductor FUSB3317 Datasheet HTML 11Page - ON Semiconductor FUSB3317 Datasheet HTML 12Page - ON Semiconductor FUSB3317 Datasheet HTML 13Page - ON Semiconductor FUSB3317 Datasheet HTML 14Page - ON Semiconductor FUSB3317 Datasheet HTML 15Page - ON Semiconductor FUSB3317 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
FUSB3317
www.onsemi.com
14
REFERENCES AND DEFINITIONS
Specifications Used in this Datasheet
• Universal Serial Bus Power Delivery specification revision 3.1 version 1.0
• Universal Serial Bus Type C Cable and Connection Specification release 2.0, dated August, 2019
• USB Battery Charging Specification, revision 1.2, dated December 7, 2010
• Universal Serial Bus Power Delivery specification revision 2.0 version 1.3, dated 12 January, 2017
Current Limit and Short Circuit Current Limit
Current Limit is value of output current by which output
voltage drops by 10 % with respect to its nominal value.
Short Circuit Current Limit is output current value
measured with output of the regulator shorted to ground.
PSRR
Power Supply Rejection Ratio is defined as ratio of output
voltage and input voltage ripple. It is measured in decibels
(dB).
ORDERING INFORMATION
Device Order Number
Specific Device Marking
Package Type
Shipping†
FUSB3317V6AMNWTWG
3317V6A
QFNW20 4x4, 0.5P
(Pb−Free)
4000 / Tape & Reel
FUSB3317F6AMNWTWG
3317F6A
QFNW20 4x4, 0.5P
(Pb−Free)
4000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
USB−C, USB Type−C and the USB logos are trademarks or registered trademarks of USB Implementers Forum, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com