Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB3317 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FUSB3317
Description  Automotive USB Power Delivery Source Controller for USB-C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3317 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FUSB3317 Datasheet HTML 7Page - ON Semiconductor FUSB3317 Datasheet HTML 8Page - ON Semiconductor FUSB3317 Datasheet HTML 9Page - ON Semiconductor FUSB3317 Datasheet HTML 10Page - ON Semiconductor FUSB3317 Datasheet HTML 11Page - ON Semiconductor FUSB3317 Datasheet HTML 12Page - ON Semiconductor FUSB3317 Datasheet HTML 13Page - ON Semiconductor FUSB3317 Datasheet HTML 14Page - ON Semiconductor FUSB3317 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
FUSB3317
www.onsemi.com
11
Figure 8. Voltage and Current Sensing Circuits
+
−
VBUS
CATH
IFB
VFB
VDD
VDD
VCVR
VCCR
IS+
IS−
Buck or Buck−Boost
PWM Control
VBAT
COMP
PWM
V1
RF1
RF2
RCS
Constant Current Control
Constant Current Limit (CL or CC) or control is enabled
during USB PD explicit contracts with a PPS APDO. When
CL (or CC) mode is enabled, the supply will decrease the
output voltage as the load increases in order to maintain a
fixed output current. Output current is sensed via a
current
*sense resistor RCS, which is connected between
the IS+ and IS− pins. The sensed signal is internally
amplified, and this amplified voltage is connected to the
non
*inverting input of the internal operational amplifier.
Similar to the constant voltage amplifier circuit, it also plays
a role as a shunt regulator to regulate the constant output
current. In order to compensate output current regulation,
one capacitor and one resistor are connected between the
IFB and CATH pins as shown in Figure 8. The constant
output current can be calculated using Equation 2. 5 m
Ω is
typically used for the sense resistor.
ICS + 1
40
VCCR
RCS
(eq. 2)
Since the voltage across the IS+ and IS− pins is small, the
sensing resistor should be positioned as close as possible to
the pins. An RC filter can be added to the pins to reduce the
noise seen on the circuit.
Output Over Current Protection
Over Current Protection (OCP) is enabled during USB PD
explicit contracts with PDOs (i.e. not PPS APDOs). When
OCP mode is enabled, the supply will regulate the output
voltage until the load current exceeds the OCP threshold, at
which point it will cause a fault condition and disable the
output voltage and disconnects from the attached Sink.
Similar to Constant Current Control, the FUSB3317 detects
the output current via the current sense resistor RCS, with the
difference being the output of the CC amplifier disconnected
from the CATH signal. When the load current exceeds the
OCP threshold for longer than tOCP−DEB, OCP is triggered
and the FUSB3317 enters Auto Restart Mode after OCP is
not detected.
Discharge Functionality
Discharge circuits are implemented on the DISC pin to
discharge the output capacitors quickly during voltage
and/or current transitions and to fully discharge VBUS when
required. The discharge circuits in the FUSB3317 are sized
to meet the timing requirements in the USB PD
specification. Since the output load can discharge the load
sufficiently during heavy loads, the discharge circuits are
only enabled during light load conditions (ICS<
ICS-DSCG).
The operation of the discharge circuits is shown in Table 2
and Table 3.
Table 2. DISCHARGE DURING VOLTAGE
TRANSITIONS
Step Size
New VBUS
tBDISC−xx (typ)
DC_EN
v0.5 V
>13 V
7 ms
Enabled
<13 V
19 ms
Enabled
>0.5 V
>13 V
55 ms
Enabled
<13 V
221 ms
Enabled
Table 3. DISCHARGE UPON DETACH, PROTECTION
MODE OPERATION OR HARD RESET
Initial VBUS
Final VBUS
tBDISC−xx (typ)
DC_EN
3.3 V ~ 21 V
vSafe0V
(<0.8 V)
221 ms
Enabled
Protection Mode and Auto Restart Operation
The FUSB3317 provides Output Over Voltage Protection
(OVP), Under Voltage Protection (UVP), Output Over
Current Protection (OCP), External Over Temperature
Protection via NTC (E_OTP), Internal Over Temperature
Protection (I_OTP), D+/D− line Over Voltage Protection
(D_OVP) and CC line Over Voltage Protection (CC_OVP).
When a protection mode is triggered, the DC/DC is disabled
and the discharge circuits are enabled to protect the Sink
device. During this time, the CC pull−up currents (ICCx−3A)
are disabled to indicate to the Sink device that the Source is
not ready to provide power. The functionality described is
shown in Figure 9. Once the fault conditions are removed,
the FUSB3317 will re−enable the DISC discharge circuit
and begin the auto
*restart timer (t2S−AR−NM). After the
auto
*restart timer expires, the CC pull*up currents will be
enabled to allow a Sink device to attach.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com