Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB3317 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FUSB3317
Description  Automotive USB Power Delivery Source Controller for USB-C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3317 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FUSB3317 Datasheet HTML 6Page - ON Semiconductor FUSB3317 Datasheet HTML 7Page - ON Semiconductor FUSB3317 Datasheet HTML 8Page - ON Semiconductor FUSB3317 Datasheet HTML 9Page - ON Semiconductor FUSB3317 Datasheet HTML 10Page - ON Semiconductor FUSB3317 Datasheet HTML 11Page - ON Semiconductor FUSB3317 Datasheet HTML 12Page - ON Semiconductor FUSB3317 Datasheet HTML 13Page - ON Semiconductor FUSB3317 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
FUSB3317
www.onsemi.com
10
USB Power Delivery Support
Figure 7. USB−PD Communication Stack
Physical Layer
Protocol
Policy Engine
Device Policy
Manager
CC
Physical Layer
Protocol
Policy Engine
Device Policy
Manager
Provider
Consumer
USB Power Delivery (PD) provides a way for a Source
and Sink to negotiate output power settings, allowing for
increased power delivery up to 100 W for Standard Power
Range (SPR). USB PD uses the CC signal that is passed
through the cable to provide the link between the Source and
the Sink to send messages and commands. The
communications stack consists of Physical, Protocol, Policy
Engine and Device Policy Manager layers as shown in
Figure 7 where each layer in the FUSB3317 talks to its
corresponding layer in the Sink device.
The Physical (PHY) Layer handles both the transmission
and reception of the bits on the CC signal. All data is first
encoded using a 4b5b line code and then transmitted across
the CC signal using Biphase Mark Coding (BMC). A
32
*bit CRC is also used to protect the data integrity of the
data payload.
The Protocol Layer defines how USB PD messages are
constructed and used between a Source device and a Sink
device. All USB PD messages must follow a strict packet
definition and may also include timing requirements based
on the type of message. The Protocol Layer is responsible
for verifying the timing parameters and handling any
communication errors as they arise.
The Policy Engine (PE) is responsible for executing the
device Local Policy to control its power delivery behavior.
The Policy Engine defines a set of message sequences that
must be followed for proper operation. All power
negotiations are handled by the Policy Engine.
The Device Policy Manager (DPM) is responsible for
overseeing the power supply and managing changes to the
Local Policy, including handling of alert and fault
conditions. It is also responsible for managing VCONN and
the Discover Identity messaging to determine the full
capabilities of the cabling.
FUSB3317 consists of all four PHY, Protocol, PE and
DPM layers to fully implement a compliant PD Source fully
in hardware.
USB PD Power Advertisement
The USB PD specification defines Power Data Objects
(PDO) and Augmented Power Data Objects (APDO) as a
way for the Source device to advertise it’s power
capabilities. PDO’s describe well
*regulated fixed voltage
supplies while APDO Programmable Power Supply (PPS)
describe a power supply whose output voltage can be
adjusted over the advertised voltage range. A Source can
advertise a combination of PDOs and APDOs, up to a
maximum of 7 total Data Objects for SPR. In order to
provide a consistent experience across the Source devices
with the same PD Power (PDP) rating, a set of power rules
are contained within the PD specification. The power rules
provide a set of minimum requirements (PDOs and APDOs)
that must be met for a Source device based on the advertised
PDP.
The FUSB3317 can be configured to meet a variety of
different PDP power advertisements, depending on the
application requirements. The default power for the
FUSB3317 is the standard 60 W option as shown in Table 1.
Table 1. FUSB3317 DEFAULT PDOs AND APDOs
[A]PDO Power
Data Object
Output
Voltage
Max Current
w/3 A Cable
Current
Mode
PDO1
5 V
3.6 A
OCP
PDO2
9 V
3.6 A
OCP
PDO3
15 V
3.6 A
OCP
PDO4
20 V
3.6 A
OCP
APDO1
3.3 V ~ 21 V
3 A
CL or CC
Constant Voltage Control
In order to regulate adaptive output voltages, the constant
voltage control (CV) is implemented. The output voltage is
sensed through an external resistor divider. The sensed
output voltage is connected to the VFB pin, and it is input the
non
*inverting input terminal of the internal operational
amplifier. The inverting input terminal is connected to the
internal voltage reference (VCVR) which can be adjusted
according to the requested output voltage. The amplifier and
an internal switch operate as a shunt regulator, and the output
of the shunt regulator is connected to the CATH pin. To
compensate output voltage regulation, typically, two
capacitors and one resistor are connected between CATH
and VFB pins as Figure 8. The output voltage can be derived
as calculated by the Equation 1, and the ratio of the resistor
divider is 10. The reference (VCVR) for the output voltage
is generated by a 10
*bit DAC. The minimum resolution is
20 mV to meet PD compliance for PPS.
VVBUS + VCVR
RF1 ) RF2
RF2
(eq. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com