Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB3317 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FUSB3317
Description  Automotive USB Power Delivery Source Controller for USB-C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3317 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FUSB3317 Datasheet HTML 5Page - ON Semiconductor FUSB3317 Datasheet HTML 6Page - ON Semiconductor FUSB3317 Datasheet HTML 7Page - ON Semiconductor FUSB3317 Datasheet HTML 8Page - ON Semiconductor FUSB3317 Datasheet HTML 9Page - ON Semiconductor FUSB3317 Datasheet HTML 10Page - ON Semiconductor FUSB3317 Datasheet HTML 11Page - ON Semiconductor FUSB3317 Datasheet HTML 12Page - ON Semiconductor FUSB3317 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
FUSB3317
www.onsemi.com
9
APPLICATIONS INFORMATION
FUSB3317 has the entire Power Delivery (PD)
communication stack within hardware including the
optional Programmable Power Supply (PPS). No external
processor is needed. This enables turnkey solutions for PD
with PPS and makes this solution tamper proof unlike other
firmware−based solutions.
VBAT Supply Input
Connect the automotive battery supply directly to the
VBAT pin of the FUSB3317. The battery voltage can vary
from 5.5 V to 36 V in normal operation but can be up to 45 V
for short periods of time when an automotive load dump
event occurs. Similarly, the battery voltage could dip to
4.5 V momentarily. If there is significant dropout of VBAT
for tens of microseconds or milliseconds, an input holdup
capacitor is needed to stabilize VBAT to be within the above
voltage range.
Low Standby Current
With the FUSB3317 connected directly to the battery,
there is no need to turn on the DC/DC unless there is
something attached to the USB−C port. The FUSB3317 will
consume very low current (IQ) while looking for a Sink
attach allowing for a very low system standby current.
Local Power Generated
FUSB3317 generates its own power from VBAT via an
integrated LDO. The total current generated can be
consumed by the FUSB3317 and by external low−power
electronics as long as the combined current is less than IDD.
The recommended external decoupling capacitor on VDD is
2.2
mF or greater. The value of VDD is typically 5.2 V.
Figure 4. VDD LDO Supply Generation
VDD
V BAT−ON /V BAT−OFF
VBAT
Type C Attach
Figure 5. Type C Source
Figure 6. Type C Sink
The FUSB3317 implements the Rp pull up resistors in
Figure 5 as current sources (ICCx−3A) that advertise 3A
default current capability. When the Sink’s CC1 or CC2 pins
as shown in Figure 6 with Rd as 5.1 k
W resistor connect with
either with CC1 or CC2 of the FUSB3317 in a flipped or
straight connection, an attach occurs when the voltage on the
CC1 or CC2 pin (only one CCx connects through the cable)
is in the VRd−CCx−3A range. Once this attach is detected,
FUSB3317 enables a DC/DC controller via DC_EN pin to
source VBUS provided the connector VBUS pin is initially
discharged to ground (VBUS not source if VBUS already
present).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com