Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCY99080CDWR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 6Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 7Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 8Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 9Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 10Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 11Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 12Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 13Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
DDA002C
http://onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 9. Tdgs vs. Temperature
Figure 10. Iduty nom vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
110
80
35
20
5
−10
−25
−40
17.87
17.88
17.90
17.95
17.93
17.94
17.96
17.97
9.88
9.89
9.90
9.92
9.93
9.95
9.96
9.97
Figure 11. VFB_DC_0 vs. Temperature
Figure 12. FBSW max vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
1.075
1.080
1.085
1.090
1.095
1.100
1.097
1.099
1.100
1.101
1.102
1.103
1.104
Figure 13. FBSW min vs. Temperature
Figure 14. Fsw max vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
4.94
4.96
4.98
5.00
5.02
5.04
5.06
494
496
498
500
502
504
508
510
65
50
95
125
17.89
17.92
17.91
110
80
35
20
5
−10
−25
−40
65
50
95
125
9.91
9.94
110
80
35
20
5
−10
−25
−40
65
50
95
125
110
80
35
20
5
−10
−25
−40
65
50
95
125
110
80
35
20
5
−10
−25
−40
65
50
95
125
110
80
35
20
5
−10
−25
−40
65
50
95
125
506
1.098



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com