Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCY99080CDWR2G Datasheet(PDF) 24 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 24 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 19Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 20Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 21Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 22Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 23Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 24Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 25Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 26Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 27Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
DDA002C
http://onsemi.com
24
EN2 Input
This enable input is non−latched and thus can be used
either for simple ON/OFF control or, because of its reaction
time that is maximally 120 ns, as an ultra fast over current
protection input. Connection of the EN 2 comparator can be
seen in Figure 55. Functionality of this input is independent
of any timers i.e. it works immediately when the VCCON
threshold is reached.
R2
R1
EN2
20 ns
RC
Filter
Figure 55. Internal Connection of the EN2 Comparator
VEN2 = 1 V
To Gate Drivers
and Internal Logic
To Input Current
Sensing Circuitry
The EN2 comparator incorporates −50 mV hysteresis − it
means that the controller will restore operation via full
start−up period (i.e. PFC delay, preheat and soft−start) when
EN2 input voltage goes below VEN2−0.05 V. Figure 56
shows the EN2 input related operating waveforms.
PFC_OK
CIG
SS
DRV_Outputs
Vcc
EN2 is not blanked and can stop the IC anytime!
Full startup sequence is placed when EN2 re−enabled.
EN2 triggered
SS_not_finished
CIG_End = 5V
EN2
IC restarts
100 ms
Figure 56. EN2 Input Functionality Description Waveforms
The High−voltage Driver
The controller features an internal high voltage driver that
enables direct connection to the half bridge topologies.
Figure 57 shows the internal architecture of the Lgd and Hgd
drivers section. The device incorporates an upper UVLO
circuitry that ensures adequate Vgs is available for the upper
side MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com