Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCY99080CDWR2G Datasheet(PDF) 25 Page - ON Semiconductor

Part # SCY99080CDWR2G
Description  High Performance Switch-Mode Power Supply Controller for Backlight and LLC Converters
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCY99080CDWR2G Datasheet(HTML) 25 Page - ON Semiconductor

Back Button SCY99080CDWR2G Datasheet HTML 19Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 20Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 21Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 22Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 23Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 24Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 25Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 26Page - ON Semiconductor SCY99080CDWR2G Datasheet HTML 27Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
DDA002C
http://onsemi.com
25
Level
Shifter
Pulse
Trigger
S
R
Q
UV
Detect
Hgd
HB
Boot
B
A
DELAY
Lgd
Gnd
Vcc
from EN2
Figure 57. The Internal Lgd and Hgd Driver Section of the DDA002C
Q
from latch
high if OK
Vaux
DBOOT
CBOOT
VBULK
The A and B outputs are delivered by the internal logic, as
depicted in VCO block diagram. This logic is constructed in
such a way that the Lgd driver starts to pulse first after any
controller restart. The bootstrap capacitor is thus charged
during first pulse. A delay is included in the lower rail to
ensure good matching between these propagating signals. As
stated in the maximum rating section, the floating portion can
go up to 600 VDC and makes the IC perfectly suitable for
offline applications featuring a 400 V PFC front−end stage.
The Synchronization Outputs (Lgs and Hgs)
In addition to the power drivers, this IC features two
ground referenced low power synchronization outputs that
can be used to drive second power driver (in full bridge
applications) or to trigger synchronous rectification
circuitry via isolation transformer. On−time of the
synchronization outputs can be easily clamped to needed
value using a single resistor connected from the Dgs pin to
ground. Maximum feasible on−time of the synchronization
outputs is never higher than the on−time of the power
outputs. Please refer to Figures 35 and 37 for more details on
how the synchronization output signals are generated. The
selection table for the Rdgs resistor that dictates the
maximum on−time on the Lgs ang Hgs outputs can be seen
in Figure 58.
5
7
9
11
13
15
17
19
10
15
20
25
30
40
45
55
Figure 58. On Time Clamp Selection Chart
Rdgs (kW)
35
50
Layout Recommendations
The DDA002C contains sensitive inputs that uses high
resistance resistors (depends on desired operating frequency
range, deadtime and sync outputs on time clamp duration).
Mentioned high impedance inputs can be sensitive to noise
generated by HB and/or driver pins. Care thus has to be taken
during SMPS layout design. Please refer to Figure 59 for
recommended layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com