Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV5430 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 2Page - STMicroelectronics VV5430 Datasheet HTML 3Page - STMicroelectronics VV5430 Datasheet HTML 4Page - STMicroelectronics VV5430 Datasheet HTML 5Page - STMicroelectronics VV5430 Datasheet HTML 6Page - STMicroelectronics VV5430 Datasheet HTML 7Page - STMicroelectronics VV5430 Datasheet HTML 8Page - STMicroelectronics VV5430 Datasheet HTML 9Page - STMicroelectronics VV5430 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Specifications
VV5430
CD5430F-A
6/33
2.2
Defect Specification
A Defect is an area of pixels that produces output significantly different from its surrounding pixels for the same illumination level.
The definition of a Defect Pixel varies according to testing conditions as follows:
The pixel area of the sensor is divided into the following areas to qualify the defect specification:
Where Area A is the inner 50% of the image area
The defect specification is then defined as follows:
Test
Exposure
Illumination
Defective Pixel output definition
Black Image Test
Minimum
Black
Differing more than ±8%. from modal value.
Light Image Test
Mid range
66% Sat.
Differing more than ±4% from modal value.
Image
Area
Max. No. of
Defectes
Notes
Area A
0
This is the most critical image area
Area B
4
Unconnected single pixels
1
Of up to four connected pixels (2x2 max.)
Area A
Area B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com