Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV5430 Datasheet(PDF) 30 Page - STMicroelectronics

Part # VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 25Page - STMicroelectronics VV5430 Datasheet HTML 26Page - STMicroelectronics VV5430 Datasheet HTML 27Page - STMicroelectronics VV5430 Datasheet HTML 28Page - STMicroelectronics VV5430 Datasheet HTML 29Page - STMicroelectronics VV5430 Datasheet HTML 30Page - STMicroelectronics VV5430 Datasheet HTML 31Page - STMicroelectronics VV5430 Datasheet HTML 32Page - STMicroelectronics VV5430 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Write to Camera
VV5430
CD5430F-A
30/33
Setup Code_3
Header Code = 1110
Valid data bits: 7
This register stores data used during sensor synchronisation and when the pixel counter in the video timing logic is reset, either at
the end of a video line or when the sensor is forced to synchronise externally.
Note: Enable SNO adjusts the timing of the FST signal (output on pin 36) to correctly synchronise external slave cam-
eras. Alternatively, the synchronising signal for all cameras can be generated externally, which may be more useful in
image processing applications.
Bit
Function
Default
Comment
5:0
Video timing pixel counter offset
3
Variable offset that is added to the fixed pixel
counter preset value when the counter is reset, at
the end of a video line or when an external syn-
chronisation is applied
6
Enable SNO
0
Synchronising signal to other cameras in multi-
camera applications (see Note)
11:7
Not used
0
Table 23 : Set-Up Code_3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com