Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV5430 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Datasheet(HTML) 1 Page - STMicroelectronics

  VV5430 Datasheet HTML 1Page - STMicroelectronics VV5430 Datasheet HTML 2Page - STMicroelectronics VV5430 Datasheet HTML 3Page - STMicroelectronics VV5430 Datasheet HTML 4Page - STMicroelectronics VV5430 Datasheet HTML 5Page - STMicroelectronics VV5430 Datasheet HTML 6Page - STMicroelectronics VV5430 Datasheet HTML 7Page - STMicroelectronics VV5430 Datasheet HTML 8Page - STMicroelectronics VV5430 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
®
Monochrome Analog Output CMOS Image Sensors
CD5430F-A
1/33
VV5430
DESCRIPTION
The VV5430 is a highly-integrated VLSI camera device
based on the unique CMOS sensor technology from
STMicroelectronics. It delivers a fully-formatted composite
monochrome video signal. Standards options include EIA
(320 x 244) and CCIR (384 x 287).
It is possible to develop a single chip video camera using this
device that requires only supply voltage in, and delivers
composite video out for connection to a video monitor.
The integrated 75
Ω driver eliminates the need for additional
active components to drive standard loads, including double
terminated lines.
It is also suitable for applications requiring the digitisation of
the video signal or external microprocessor control.
In the VV5430 Frame, Line and Pixel timing signals are
provided to facilitate pixel-locked digitisation of the analog
video data. In addition to the these outputs a synchronisation
input (SIN) is also provided to allow the start of frame to be
synchronised to an external event.
The device features automatic exposure control that allows a
fixed-aperture lens to be used, and incorporates Normal and
Backlit modes to give operation over a wide range of scene
types.
A bi-directional serial interface on the VV5430 allows an
external controller to set operational parameters and control
exposure and gain values directly.
DEVICE FUNCTIONALITY
KEY FEATURES
•
Complete Video Camera on a single chip
•
Minimal support circuit
•
EIA/CCIR standard compatible options
•
Low power operation - single voltage supply
•
Integral 75 ohm driver
•
384 x 287 pixel array
•
Automatic exposure and gain control
•
Linear or gamma corrected output option
•
Automatic black level calibration
•
Serial Interface Control
•
Frame and line timing signals for external ADC
APPLICATIONS
•
Security/Observation systems
•
Biometric identification
•
Toys and games
•
Digital Image capture systems
SPECIFICATIONS
VID E O
BUFFER
SAM P LE & H O L D
H O R IZO N TAL SH IFT REG ISTER
C O L U M N SEN SE AM PL IF IE RS
VIDE O
AM P
P H OTO D IO D E A R R A Y
AN AL O G
VO LT AG E
RE FS .
DIGITA L
CONTROL
L OGIC.
AGC
AEC
LIN
BKLIT
CCIR
VR T
Vbloom
VOFF
VB G
EB CK
AVO
VERTICAL
SHIF T
REG ISTER
CKIN
CK OU T
5V
CL OCK
C IRC UIT
IM A G E
CA P TURE
SER IA L
I/F
FST
LST
PV
SA B0
SA B1
SD A
SC L
PVB
SIN
CPE
2V7
OD D
EVW T
RESE TB
Pixel resolution
384 x 287 (CCIR)
320 x 243 (EIA)
Array size
4.66mm x 3.54mm
Min. illumination
(min. detectable
signal)
0.5 lux
Exposure control
Automatic (to 146000:1)
Gain control
Automatic (to +20dB)
Signal/Noise ratio
46dB
Supply voltage
5.0v DC
+/− 5%
Supply current
<45mA
Operating
temperature
(ambient)
0oC - 40oC
(for extended temp. info please
contact STMicroelectronics)
Package type
48LCC


Similar Part No. - VV5430

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VV5430 ETC-VV5430 Datasheet
288Kb / 32P
Integrated CMOS Image Sensor with support for ADC and external control via serial interface
More results

Similar Description - VV5430

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9617 NSC-LM9617 Datasheet
366Kb / 37P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9618 NSC-LM9618 Datasheet
1Mb / 2P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
CMOS Image Sensors
logo
National Semiconductor ...
LM9638 NSC-LM9638 Datasheet
200Kb / 2P
Monochrome CMOS Image Sensor SXGA 18 FPS
logo
List of Unclassifed Man...
OV5116N ETC-OV5116N Datasheet
200Kb / 5P
OV5116N SINGLE IC CMOS MONOCHROME CAMERA WITH NTSC ANALOG OUTPUT
logo
Rohm
IA2008-MB20A ROHM-IA2008-MB20A Datasheet
41Kb / 4P
MONOCHROME IMAGE SENSOR HEAD
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
CMOS Monochrome Image Sensors
logo
Hamamatsu Corporation
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
CMOS area image sensors
logo
Agilent(Hewlett-Packard...
ADCS-1120 HP-ADCS-1120 Datasheet
106Kb / 3P
Agilent CMOS Monochrome Image Sensors ADCS-1120 and ADCS-2120
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com