Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV5430 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 10Page - STMicroelectronics VV5430 Datasheet HTML 11Page - STMicroelectronics VV5430 Datasheet HTML 12Page - STMicroelectronics VV5430 Datasheet HTML 13Page - STMicroelectronics VV5430 Datasheet HTML 14Page - STMicroelectronics VV5430 Datasheet HTML 15Page - STMicroelectronics VV5430 Datasheet HTML 16Page - STMicroelectronics VV5430 Datasheet HTML 17Page - STMicroelectronics VV5430 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Control Signals for Image Digitisation
VV5430
CD5430F-A
14/33
5.1
Image Capture Control Signal Timing
The time intervals given are correct for the recommended crystals:
Table 9 : Signal Timing
Name
CCIR
EIA
Crystal Frequency (FCKIN)
14.7456 MHz
12.0000 MHz
Pixel clock period (Tpck = 2/FCKIN)
135.63 nsec
166.67nsec
PV (Pixel clock) mark:space
1:1
1:1
PV high period (Tpv = Tpck/2)
67.82 nsec
83.34 nsec
Even (first) field period (Tfield)
20.032 msec
(313 x Tline)
16.7005 msec
(263 x Tline)
Odd (second) field period (Tfield)
19.968 msec
(312 x Tline)
16.637 msec
(262 x Tline)
FST duration (TFST)
7.73
µsec
(57 x Tpck)
6.1
µsec
(45 x Tpck)
Line period (Tline)
64.0 usec
(472 x Tpck)
63.5
µsec
(381 x Tpck)
LST duration (TLST)
4.61
µsec
(34 x Tpck)
4.66
µsec
(28 x Tpck)
First visible line delay (Tblank)
704.949
µsec
(11xTline + 7xTpck)
762.833
µsec
(12xTline + Tpck)
First visible pixel delay (Tporch)
10.58
µsec
(78 x Tpck)
8.833
µsec
(53 x Tpck)
Visible line period
52.083
µsec
(384 x Tpck)
53.333
µsec
(320 x Tpck)
Max AVO to PV setup time (Tpsu)
33.9 nsec
41.7nsec
Min. PV to AVO hold time (Tphd)
30nsec
40nsec
ODD to FST rise (TODD)
21.700 msec
(160 x Tpck)
11.500 msec
(69 x Tpck)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com