Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAR080-D Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATAR080-D
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080-D Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATAR080-D Datasheet HTML 12Page - ATMEL Corporation ATAR080-D Datasheet HTML 13Page - ATMEL Corporation ATAR080-D Datasheet HTML 14Page - ATMEL Corporation ATAR080-D Datasheet HTML 15Page - ATMEL Corporation ATAR080-D Datasheet HTML 16Page - ATMEL Corporation ATAR080-D Datasheet HTML 17Page - ATMEL Corporation ATAR080-D Datasheet HTML 18Page - ATMEL Corporation ATAR080-D Datasheet HTML 19Page - ATMEL Corporation ATAR080-D Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
16
ATAR080
4675D–4BMCU–12/04
RC-oscillator 2 with External
Trimming Resistor
The RC-oscillator 2 is a high resolution trimmable oscillator whereby the oscillator fre-
quency can be trimmed with an external resistor between OSC1 and VSS. In this
configuration, the RC-oscillator 2 frequency can be maintained stable to within a toler-
ance of ±15% over the full operating temperature and voltage range from V
DD = 2.0 V to
6.5 V.
For example: An output frequency at the RC-oscillator 2 of 1.6 MHz, can be obtained by
connecting a resistor R
ext = 47 kΩ (see Figure 17).
Figure 17. RC-oscillator 2
4-MHz Oscillator
The ATAR080 4-MHz oscillator options need a crystal or ceramic resonator connected
to the OSC1 and OSC2 pins to establish oscillation. All the necessary oscillator circuitry
is integrated, with the exception of the actual crystal, resonator and the capacitors C
1
and C
2.
Figure 18. 4-MHz Crystal Oscillator
Note:
Both, the 4-MHz and the 32-kHz crystal oscillator, use an integrated 14 stage divider cir-
cuit to stabilize oscillation before the oscillator output is used as system clock. This
results in an additional delay of about 4 ms for the 4-MHz crystal and about 500 ms for
the 32-kHz crystal.
RC-oscillator 2
RcOut2
Stop
RcOut2
Osc-Stop
R
Trim
OSC1
R
ext
4-MHz
oscillator
4Out
Stop
4Out
Osc-Stop
OSC1
OSC2
Oscin
Oscout
XTAL
4 MHz
C
1
C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com