Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAR080-D Datasheet(PDF) 53 Page - ATMEL Corporation

Part # ATAR080-D
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080-D Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button ATAR080-D Datasheet HTML 49Page - ATMEL Corporation ATAR080-D Datasheet HTML 50Page - ATMEL Corporation ATAR080-D Datasheet HTML 51Page - ATMEL Corporation ATAR080-D Datasheet HTML 52Page - ATMEL Corporation ATAR080-D Datasheet HTML 53Page - ATMEL Corporation ATAR080-D Datasheet HTML 54Page - ATMEL Corporation ATAR080-D Datasheet HTML 55Page - ATMEL Corporation ATAR080-D Datasheet HTML 56Page - ATMEL Corporation ATAR080-D Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
53
ATAR080
4675D–4BMCU–12/04
Combination Mode 3: Manchester Modulation 1
SSI mode 1:
8-bit shift register internal data output (SO) to Timer 2
modulator stage
Timer 2 mode 1, 2, 3 or 4: 8-bit compare counter with 4-bit programmable prescaler
Timer 2 output mode 5:
Modulator 2 of Timer 2 modulates the SSI internal data
output to Manchester code
Figure 55. Manchester Modulation 1
Combination Mode 4: Manchester Modulation 2
SSI mode 1:
8-bit shift register internal data output (SO) to Timer 2
modulator stage
Timer 2 mode 3:
8-bit compare counter and 4-bit prescaler
Timer 2 output mode 5:
Modulator 2 of Timer 2 modulates the SSI data output to
Manchester code
The 4-bit stage can be used as prescaler for the SSI to generate the stop signal for Mod-
ulator 2. The SSI has a special mode to supply the prescaler with the shift-clock. The
control output signal (OMSK) of the SSI is used as a stop signal for the modulator. Fig-
ure 56 is an example for a 12-bit Manchester telegram.
Figure 56. Manchester Modulation 2
TOG2
SC
SO
T2O
00
0
00
1
1
010
1
11
1
1
8-bit SR data
Bit 7
Bit 0
0
Bit 7
Bit 0
Data: 00110101
00
0
0
0
0
00
123
4
01
2
0
Counter 2/1 = Compare Register 2/1 (= 4)
Bit 7 Bit 6
Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
SCLI
Buffer full
SIR
SO
SC
MSM
Timer 2
Mode 3
SCL
Counter 2/1
OMSK
T2O
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com