Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAR080-D Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATAR080-D
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080-D Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATAR080-D Datasheet HTML 22Page - ATMEL Corporation ATAR080-D Datasheet HTML 23Page - ATMEL Corporation ATAR080-D Datasheet HTML 24Page - ATMEL Corporation ATAR080-D Datasheet HTML 25Page - ATMEL Corporation ATAR080-D Datasheet HTML 26Page - ATMEL Corporation ATAR080-D Datasheet HTML 27Page - ATMEL Corporation ATAR080-D Datasheet HTML 28Page - ATMEL Corporation ATAR080-D Datasheet HTML 29Page - ATMEL Corporation ATAR080-D Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
26
ATAR080
4675D–4BMCU–12/04
Figure 25. Bi-directional Port 4
Port 4 Data Register (P4DAT)
Port 4 Control Register (P4CR)
Byte Write
P4xM2, P4xM1 – Port 4x Interrupt Mode/Direction Code
Master reset
Q
V
DD
BPxy
(1) Mask options
(1)
PxDATy
I/O Bus
D
I/O Bus
I/O Bus
Pull-up
Pull-down
S
PxCRy
S
Q
D
PxMRy
POut
(Direction)
PDir
Intx
PIn
Static pull-up
V
DD
V
DD
Static pull-down
(1)
(1)
(1)
(1)
(1)
Primary register address: '4'hex
Bit 3
Bit 2
Bit 1
Bit 0
P4DAT
P4DAT3
P4DAT2
P4DAT1
P4DAT0
Reset value: 1111b
Auxiliary register address: '4'hex
Bit 3
Bit 2
Bit 1
Bit 0
P4CR
First write cycle
P41M2
P41M1
P40M2
P40M1
Reset value: 1111b
Bit 7
Bit 6
Bit 5
Bit 4
Second write cycle
P43M2
P43M1
P42M2
P42M1
Reset value: 1111b
Table 12. Port 4 Control Register
Auxiliary Address: '4'hex First Write Cycle
Second Write Cycle
Code
3 2 1 0
Function
Code
3 2 1 0
Function
x x 1 1
BP40 in input mode
x x 1 1
BP42 in input mode
x x 1 0
BP40 in output mode
x x 1 0
BP42 in output mode
x x 0 1
BP40 enable alternate function (SC for SSI)
x x 0 x
BP42 enable alternate function (T2O for Timer 2)
x x 0 0
BP40 enable alternate function (falling edge interrupt
input for INT3)
1 1 x x
BP43 in input mode
1 1 x x
BP41 in input mode
1 0 x x
BP43 in output mode
1 0 x x
BP41 in output mode
0 1 x x
BP43 enable alternate function (SD for SSI)
0 1 x x
BP41 enable alternate function (VMI for voltage
monitor input)
0 0 x x
BP43 enable alternate function (falling edge interrupt
input for INT3)
0 0 x x
BP41 enable alternate function (T2I external clock
input for Timer 2)
––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com