Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAR080-D Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATAR080-D
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080-D Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATAR080-D Datasheet HTML 19Page - ATMEL Corporation ATAR080-D Datasheet HTML 20Page - ATMEL Corporation ATAR080-D Datasheet HTML 21Page - ATMEL Corporation ATAR080-D Datasheet HTML 22Page - ATMEL Corporation ATAR080-D Datasheet HTML 23Page - ATMEL Corporation ATAR080-D Datasheet HTML 24Page - ATMEL Corporation ATAR080-D Datasheet HTML 25Page - ATMEL Corporation ATAR080-D Datasheet HTML 26Page - ATMEL Corporation ATAR080-D Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
23
ATAR080
4675D–4BMCU–12/04
Port 2 Data Register (P2DAT)
Bit 3 = MSB, Bit 0 = LSB
Port 2 Control Register (P2CR)
Value 1111b means all pins in input mode
Bi-directional Port 5
This, and all other bi-directional ports include a bitwise programmable Control Register
(P5CR), which allows individual programming of each port bit as input or output. It also
opens up the possibility of reading the pin condition when in output mode. This is a use-
ful feature for self testing and for serial bus applications.
The port pins can also be used as external interrupt inputs (see Figure 23 on page 24
and Figure 24 on page 24). The interrupts (INT1 and INT6) can be masked or indepen-
dently configured to trigger on either edge. The interrupt configuration and port direction
is controlled by the Port 5 Control Register (P5CR). An additional low resistance pull-
up/-down transistor mask option provides an internal bus pull-up for serial bus
applications.
The Port 5 Data Register (P5DAT) is I/O mapped to the primary address register of
address '5'h and the Port 5 Control Register (P5CR) to the corresponding auxiliary reg-
ister. The P5CR is a byte-wide register and is configured by writing first the low nibble
then the high nibble (see section “Addressing Peripherals”).
Primary register address: '2'hex
Bit 3
Bit 2
Bit 1
Bit 0
P2DAT
P2DAT3
P2DAT2
P2DAT1
P2DAT0
Reset value: 1111b
Auxiliary register address: '2'hex
Bit 3
Bit 2
Bit 1
Bit 0
P2CR
P2CR3
P2CR2
P2CR1
P2CR0
Reset value: 1111b
Table 10. Port 2 Control Register
Code
3 2 1 0
Function
x x x 1
BP20 in input mode
x x x 0
BP20 in output mode
x x 1 x
BP21 in input mode
x x 0 x
BP21 in output mode
x 1 x x
BP22 in input mode
x 0 x x
BP22 in output mode
1 x x x
BP23 in input mode
0 x x x
BP23 in output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com