Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAR080-D Datasheet(PDF) 35 Page - ATMEL Corporation

Part # ATAR080-D
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080-D Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button ATAR080-D Datasheet HTML 31Page - ATMEL Corporation ATAR080-D Datasheet HTML 32Page - ATMEL Corporation ATAR080-D Datasheet HTML 33Page - ATMEL Corporation ATAR080-D Datasheet HTML 34Page - ATMEL Corporation ATAR080-D Datasheet HTML 35Page - ATMEL Corporation ATAR080-D Datasheet HTML 36Page - ATMEL Corporation ATAR080-D Datasheet HTML 37Page - ATMEL Corporation ATAR080-D Datasheet HTML 38Page - ATMEL Corporation ATAR080-D Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
35
ATAR080
4675D–4BMCU–12/04
Timer 2 Output Mode 2
Duty Cycle Burst Generator 1: The DCG output signal (DCGO) is given to the output,
and gated by the output flip-flop (M2).
Figure 37. Carrier Frequency Burst Modulation with Timer 2 Toggle Flip-flop Output
Timer 2 Output Mode 3
Duty Cycle Burst Generator 2: The DCG output signal (DCGO) is given to the output,
and gated by the SSI internal data output (SO).
Figure 38. Carrier Frequency Burst Modulation with the SSI Data Output
Timer 2 Output Mode 4
Bi-phase Modulator: Timer 2 modulates the SSI internal data output (SO) to Bi-phase
code.
Figure 39. Bi-phase Modulation
1 2 0 1 2 0 12 345 0 120 1 2 34 5 6 780123 45 6 7 8 9 10 01 2 3 4 5
DCGO
Counter 2
TOG2
M2
T2O
Counter = compare register (=2)
1 2 0 1 2 0 12012 0 1 2 0 1 2 0 1 2 01 20 1 2 01 20 1 2 0 1 201201
DCGO
Counter 2
TOG2
SO
T2O
Counter = compare register (= 2)
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
Bit 13
TOG2
SC
SO
T2O
00
0
0
0
0
11
010
1
11
1
1
8-bit SR Data
Bit 7
Bit 0
Data: 00110101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com