Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC45205 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC45205 Datasheet HTML 14Page - Microchip Technology MIC45205 Datasheet HTML 15Page - Microchip Technology MIC45205 Datasheet HTML 16Page - Microchip Technology MIC45205 Datasheet HTML 17Page - Microchip Technology MIC45205 Datasheet HTML 18Page - Microchip Technology MIC45205 Datasheet HTML 19Page - Microchip Technology MIC45205 Datasheet HTML 20Page - Microchip Technology MIC45205 Datasheet HTML 21Page - Microchip Technology MIC45205 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
MIC45205
DS20005798B-page 18
2017 - 2022 Microchip Technology Inc.
5.0
APPLICATION INFORMATION
5.1
Setting the Switching Frequency
The MIC45205 switching frequency can be adjusted by
changing the value of resistors R1 and R2.
FIGURE 5-1:
Switching Frequency
Adjustment.
Equation 5-1 gives the estimated switching frequency:
EQUATION 5-1:
FIGURE 5-2:
Switching Frequency vs. R2.
5.2
Output Capacitor Selection
The type of the output capacitor is usually determined
by the application and its equivalent series resistance
(ESR). Voltage and RMS current capability are two
other important factors for selecting the output
capacitor. Recommended capacitor types are MLCC,
OS-CON and POSCAP. The output capacitor’s ESR is
usually the main cause of the output ripple. The
MIC45205 requires ripple injection and the output
capacitor ESR affects the control loop from a stability
point of view.
The maximum value of ESR is calculated as in
Equation 5-2:
EQUATION 5-2:
The total output ripple voltage is a combination of ripple
voltages due to the ESR and output capacitance. The
total output ripple voltage is calculated in Equation 5-3:
EQUATION 5-3:
As described in the Theory of Operation subsection in
the Functional Description, the MIC45205 requires at
least 20 mV peak-to-peak ripple at the FB pin to make
the gm amplifier and the error comparator behave
properly. Also, the output voltage ripple should be in
phase with the inductor current. Therefore, the output
voltage ripple caused by the output capacitors value
should be much smaller than the ripple caused by the
output capacitor ESR. If low-ESR capacitors, such as
ceramic capacitors, are selected as the output
capacitors, a ripple injection method should be applied
to provide enough feedback voltage ripple. Please refer
to the Ripple Injection subsection in the Application
Information section for more details.
VIN
SW
FB
MIC45205
BST
C
IN
PGND
FREQ
CS
R1
R2
fSW fO
R2
R1 R2
+
--------------------
=
Where:
fO
600 kHz (typical per the Electrical
Characteristics table).
R1
100 kΩ is recommended.
R2
Needs to be selected in order to set the
required switching frequency.
0
100
200
300
400
500
600
700
800
10.00
100.00
1000.00
10000.00
R2 (k )
V
OUT = 5V
V
IN = 12V
R1 = 100k
ESRCOUT
VOUT PP
IL PP
---------------------------
Where:
ΔVOUT(PP) Peak-to-peak output voltage ripple
ΔIL(PP)
Peak-to-peak inductor current
ripple
VOUT PP
IL PP
COUT fSW
8
--------------------------------------
2
IL PP
ESRCOUT
2
+
=
Where:
COUT Output Capacitance Value
fSW Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com