Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC45205 Datasheet(PDF) 31 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MIC45205 Datasheet HTML 27Page - Microchip Technology MIC45205 Datasheet HTML 28Page - Microchip Technology MIC45205 Datasheet HTML 29Page - Microchip Technology MIC45205 Datasheet HTML 30Page - Microchip Technology MIC45205 Datasheet HTML 31Page - Microchip Technology MIC45205 Datasheet HTML 32Page - Microchip Technology MIC45205 Datasheet HTML 33Page - Microchip Technology MIC45205 Datasheet HTML 34Page - Microchip Technology MIC45205 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
2017 - 2022 Microchip Technology Inc.
DS20005798B-page 31
MIC45205
52-Lead 8 mm x 8 mm B1QFN Package Outline and Recommended Land Pattern
B
A
0.15 C
0.15 C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
0.05 C
Sheet 1 of 2
2X
52X
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
52-Lead Very Thick Plastic Quad Flat, No Lead (M3A) - 8x8x3 mm Body [B1QFN]
Micrel Legacy Package H3QFN88-52LD-PL-1
Microchip Technology Drawing C04-1055-M3A Rev A
SEATING
PLANE
NOTE 1
0.10 C
A1
(A3)
A
C
D
E
1.38
1.45
4.04
3.45
1.20
e
0.60
(DATUM A)
(DATUM B)
1.00
1.60
3.70
1.25
1.75
2.38
1.10
1.62
1.50
47X b
0.60
1.10
1.38
2.75
4.50
3.13
1.85
1.80
1.20
0.93
1.10
1.75
2.25
3.50
0.86
2.88
3.31
3.70
PIN 1 ID
3.96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com