Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC45205 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC45205 Datasheet HTML 15Page - Microchip Technology MIC45205 Datasheet HTML 16Page - Microchip Technology MIC45205 Datasheet HTML 17Page - Microchip Technology MIC45205 Datasheet HTML 18Page - Microchip Technology MIC45205 Datasheet HTML 19Page - Microchip Technology MIC45205 Datasheet HTML 20Page - Microchip Technology MIC45205 Datasheet HTML 21Page - Microchip Technology MIC45205 Datasheet HTML 22Page - Microchip Technology MIC45205 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
2017 - 2022 Microchip Technology Inc.
DS20005798B-page 19
MIC45205
The output capacitor RMS current is calculated in
Equation 5-4:
EQUATION 5-4:
The power dissipated in the output capacitor is:
EQUATION 5-5:
5.3
Input Capacitor Selection
The input capacitor for the power stage input PVIN
should be selected for ripple current rating and voltage
rating. The input voltage ripple will primarily depend on
the input capacitor’s ESR. The peak input current is
equal to the peak inductor current, so:
EQUATION 5-6:
The input capacitor must be rated for the input current
ripple. The RMS value of input capacitor current is
determined at the maximum output current. Assuming
the peak-to-peak inductor current ripple is low:
EQUATION 5-7:
The power dissipated in the input capacitor is:
EQUATION 5-8:
The general rule is to pick the capacitor with a ripple
current rating equal to or greater than the calculated
worst-case RMS capacitor current.
Equation 5-9 should be used to calculate the input
capacitor. Also it is recommended to keep some margin
on the calculated value:
EQUATION 5-9:
5.4
Output Voltage Setting
Components
The MIC45205 requires two resistors to set the output
voltage as shown in Figure 5-3:
FIGURE 5-3:
Voltage-Divider
Configuration.
The output voltage is determined by Equation 5-10:
ICOUT RMS
IL PP
12
------------------
=
PDISS COUT
ICOUT RMS
2 ESR
COUT
=
VIN
IL PK
ESRCIN
=
ICIN RMS
IOUT MAX
D
1 D
–
Where:
D
Duty cycle
PDISS CIN
ICIN RMS
2 ESR
CIN
=
CIN
IOUT MAX
1 D
–
D
fSW
dV
-------------------------------------------------------------
Where:
dV
Input ripple voltage
fSW
Switching frequency
η
Power conversion efficiency
R
FB1
R
FB2
FB
V
REF
g
M AMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com