Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC45205 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC45205 Datasheet HTML 8Page - Microchip Technology MIC45205 Datasheet HTML 9Page - Microchip Technology MIC45205 Datasheet HTML 10Page - Microchip Technology MIC45205 Datasheet HTML 11Page - Microchip Technology MIC45205 Datasheet HTML 12Page - Microchip Technology MIC45205 Datasheet HTML 13Page - Microchip Technology MIC45205 Datasheet HTML 14Page - Microchip Technology MIC45205 Datasheet HTML 15Page - Microchip Technology MIC45205 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
MIC45205
DS20005798B-page 12
2017 - 2022 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
FIGURE 3-1:
MIC45205 Pin Configuration.
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
GND
Analog Ground. Connect bottom feedback resistor to GND. GND and PGND are
internally connected.
2, 3
5VDD
Internal +5V Linear Regulator Output. Powered by VIN, 5VDD is the internal supply
bus for the device. In the applications with VIN < +5.5V, 5VDD should be tied to VIN to
bypass the linear regulator.
4, 5
PVDD
PVDD. Supply input for the internal low-side power MOSFET driver.
6, 7, 8, 45, 52
PGND
Power Ground. PGND is the return path for the step-down power module power
stage. The PGND pin connects to the sources of internal low-side power MOSFET,
the negative terminals of input capacitors, and the negative terminals of output
capacitors.
10, 11, 12, 31,
32, 33, 34
SW
The SW pin connects directly to the switch node. Due to the high-speed switching on
this pin, the SW pin should be routed away from sensitive nodes. The SW pin also
senses the current by monitoring the voltage across the low-side MOSFET during
OFF time.
14, 15, 16, 17,
18, 19
PVIN
Power Input Voltage. Connection to the drain of the internal high-side power
MOSFET. Connect an input capacitor from PVIN to PGND.
21, 22, 23, 24,
25, 26, 27, 28,
29
VOUT
Output Voltage. Connected to the internal inductor, the output capacitor should be
connected from this pin to PGND as close to the module as possible.
36, 37, 38
RIA
Ripple Injection Pin A. Leave floating, no connection.
GND
5VDD
5VDD
KEEPOUT
PVDD
PVDD
PGND
PGND
PGND
KEEPOUT
SW
SW
SW
PVIN
PVIN
ANODE
ANODE
RIB
VOUT
RIA
RIA
RIA
KEEPOUT
SW
SW
SW
SW
KEEPOUT
VOUT
VOUT
PGND
SW
PVIN ePAD
VOUT ePAD
1
2
3
13
4
5
6
7
8
9
10
11
12
14
15
41
40
39
29
38
37
36
35
34
33
32
31
30
28
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com