Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC45205 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC45205 Datasheet HTML 12Page - Microchip Technology MIC45205 Datasheet HTML 13Page - Microchip Technology MIC45205 Datasheet HTML 14Page - Microchip Technology MIC45205 Datasheet HTML 15Page - Microchip Technology MIC45205 Datasheet HTML 16Page - Microchip Technology MIC45205 Datasheet HTML 17Page - Microchip Technology MIC45205 Datasheet HTML 18Page - Microchip Technology MIC45205 Datasheet HTML 19Page - Microchip Technology MIC45205 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
MIC45205
DS20005798B-page 16
2017 - 2022 Microchip Technology Inc.
FIGURE 4-4:
MIC45205-1 Control Loop
Timing (Discontinuous Mode).
During discontinuous mode, the bias current of most
circuits is substantially reduced. As a result, the total
power supply current during discontinuous mode is
only about 350 µA, allowing the MIC45205-1 to
achieve high efficiency in light load applications.
4.3
Soft-Start
Soft-start reduces the input power supply surge current
at startup by controlling the output voltage rise time.
The input surge appears while the output capacitor is
charged up.
The MIC45205 implements an internal digital soft-start
by making the 0.8V reference voltage VREF ramp from
0 to 100% in about 5 ms with 9.7 mV steps. Therefore,
the output voltage is controlled to increase slowly by a
stair-case VFB ramp. Once the soft-start cycle ends, the
related circuitry is disabled to reduce current
consumption. PVDD must be powered up at the same
time or after VIN to make the soft-start function
correctly.
4.4
Current-Limit
The MIC45205 uses the RDS(ON) of the low-side
MOSFET and external resistor connected from ILIM pin
to SW node to set the current limit.
FIGURE 4-5:
MIC45205 Current-Limiting
Circuit.
In each switching cycle of the MIC45205, the inductor
current is sensed by monitoring the low-side MOSFET
in the OFF period. The sensed voltage VILIM is
compared with the power ground (PGND) after a
blanking time of 150 ns. In this way the drop voltage
over the resistor R15 (VR15) is compared with the drop
over the bottom FET generating the short current limit.
The small capacitor (C15) connected from ILIM pin to
PGND filters the switching node ringing during the
off-time allowing a better short-limit measurement. The
time constant created by R15 and C15 should be much
less than the minimum off time.
The VR15 drop allows programming of short limit
through the value of the resistor (R15). If the absolute
value of the voltage drop on the bottom FET becomes
greater than VR15, and the VILIM falls below PGND, an
overcurrent is triggered causing the IC to enter hiccup
mode. The hiccup sequence including the soft-start
reduces the stress on the switching FETs and protects
the load and supply for severe short conditions.
The short-circuit current-limit can be programmed by
using Equation 4-3.
EQUATION 4-3:
<
I
L CROSSES 0 AND VFB > 0.8V
DISCONTINUOUS MODE STARTS
V
FB < 0.8V WAKE-UP FROM
DISCONTINUOUS MODE
I
L
0
V
FB
V
REF
ZC
V
DH
V
DL
ESTIMATED ON-TIME
VIN
SW
FB
MIC45205
BST
C
IN
PGND
ILIM
CS
R15
C15
SW
R15
ICLIM
IL PP
+
0.5
RDS ON
VCL_OFFSET
+
ICL
-------------------------------------------------------------------------------------------------------------------------
=
Where:
ICLIM
Desired current limit.
RDS(ON) On-resistance of low-side power
MOSFET, 16 mΩ typically.
VCL_
OFFSET
Current-limit threshold offset (typ.
14 mV).
ICL
Current-limit source current (typ.
70 µA).
ΔIL(PP)
Inductor current peak-to-peak.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com