Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4686
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 4 Page - Analog Devices

  LTM4686 Datasheet HTML 1Page - Analog Devices LTM4686 Datasheet HTML 2Page - Analog Devices LTM4686 Datasheet HTML 3Page - Analog Devices LTM4686 Datasheet HTML 4Page - Analog Devices LTM4686 Datasheet HTML 5Page - Analog Devices LTM4686 Datasheet HTML 6Page - Analog Devices LTM4686 Datasheet HTML 7Page - Analog Devices LTM4686 Datasheet HTML 8Page - Analog Devices LTM4686 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 130 page
background image
LTM4686B
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified
internal operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN = 5V, RUNn = 5V,
FREQUENCY_SWITCH = 1MHz, VOUT_COMMANDn = 1V and VOUT_UV_FAULT_RESPONSEn = TON_MAX_FAULT_RESPONSEn = 0x00
unless otherwise noted. All other command codes configured per factory-default EEPROM settings unless otherwise noted. Tested per
Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
VIN
Input DC Voltage
Test Circuit 1; 4.5V ≤ SVIN ≤ 5.75V; INTVCC = SVIN; VIN_OFF < VIN_ON = 4.25V
Test Circuit 2; 4.5V ≤ SVIN ≤ 5.75V; INTVCC = SVIN; VIN_OFF < VIN_ON = 4.25V
l
l
4.5
2.375
5.75
5.75
V
V
VOUTn
Range of Output
Voltage Regulation
VOUT0 Differentially Sensed on VOSNS0+/VOSNS0– Pin-Pair;
VOUT1 Differentially Sensed on VOSNS1/SGND Pin-Pair;
Commanded by Serial Bus or with Resistors Present at Start-Up on
VOUTnCFG and/or VTRIMnCFG
l
l
0.5
0.5
3.6
3.6
V
V
VOUTn(DC)
Output Voltage, Total
Variation with Line and
Load
(Note 5)
VOUTn Low Range (MFR_PWM_MODEn[1] = 1b),
Digital Servo Engaged (MFR_PWM_MODEn[6] = 1b)
Digital Servo Disengaged (MFR_PWM_MODEn[6] = 0b)
l
0.995
0.985
1.000
1.000
1.005
1.015
V
V
Input Specifications
IINRUSH(VIN)
Input Inrush Current at
Start-Up
Test Circuit 1, VOUTn =1V, VIN = 5V; No Load Besides Capacitors;
TON_RISEn = 3ms
400
mA
IQ(SVIN)
Input Supply Bias
Current
Forced Continuous Mode, MFR_PWM_MODEn[0] = 1b
RUNn = 5V, RUN[1–n] = 0V, INTVCC = 5V
Shutdown, RUN0 = RUN1 = 0V, INTVCC Open Circuit
1.2
20
mA
mA
IS(VINn,PSM)
Input Supply Current
in Pulse-Skipping
Mode Operation
Pulse-Skipping Mode, MFR_PWM_MODEn[0] = 0b,
IOUTn = 100mA
45
mA
IS(VINn,FCM)
Input Supply Current
in Forced-Continuous
Mode Operation
Forced Continuous Mode, MFR_PWM_MODEn[0] = 1b
IOUTn = 100mA
IOUTn = 14A
120
4
mA
A
IS(VINn,SHUTDOWN) Input Supply Current
in Shutdown
Shutdown, RUNn = 0V
80
µA
Output Specifications
IOUTn
Output Continuous
Current Range
(Note 6)
0
14
A
∆VOUTn(LINE)
VOUTn
Line Regulation
Accuracy
Digital Servo Engaged (MFR_PWM_MODEn[6] = 1b, Note 12)
Digital Servo Disengaged (MFR_PWM_MODEn[6] = 0b)
SVIN and VINn and INTVCC Electrically Shorted Together;
IOUTn = 0A, 4.5V ≤ VIN ≤ 5.75V, VOUT Low Range
(MFR_PWM_MODEn[1] = 1b) FREQUENCY_SWITCH = 1MHz
(Referenced to 5VIN) (Note 5)
l
0.03
0.03
±0.2
%
%/V
∆VOUTn(LOAD)
VOUTn
Load Regulation
Accuracy
Digital Servo Engaged (MFR_PWM_MODEn[6] = 1b, Note 12)
Digital Servo Disengaged (MFR_PWM_MODEn[6] = 0b)
0A ≤ IOUTn ≤ 14A, VOUT Low Range, (MFR_PWM_MODEn[1] = 1b)
FREQUENCY_SWITCH = 1MHz (Note 5)
l
0.03
0.2
0.5
%
%
VOUTn(AC)
Output Voltage Ripple (Note 12)
10
mVP-P
fS (Each
Channel)
VOUTn Ripple Frequency FREQUENCY_SWITCH Set to 1MHz (0x03E8)
l
950
1000
1050
kHz
∆VOUTn(START)
Turn-On Overshoot
TON_RISEn = 2ms (Note 12)
8
mV
tSTART
Turn-On Start-Up Time Time from VIN Toggling from 0V to 5VIN to Rising Edge of GPIOn.
TON_DELAYn = 0ms, TON_RISEn = 2ms,
MFR_GPIO_PROPAGATEn = 0x0100,
MFR_GPIO_RESPONSEn = 0x0000
l
34
39
ms
tDELAY(0ms)
Turn-On Delay Time
Time from First Rising Edge of RUNn to Rising Edge of GPIOn.
TON_DELAYn = 0ms, TON_RISEn = 3ms,
MFR_GPIO_PROPAGATEn = 0x0100,
MFR_GPIO_RESPONSEn = 0x0000.
VIN Having Been Established for at Least 39ms
l
2.7
3.1
3.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com