Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4686
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 3Page - Analog Devices LTM4686 Datasheet HTML 4Page - Analog Devices LTM4686 Datasheet HTML 5Page - Analog Devices LTM4686 Datasheet HTML 6Page - Analog Devices LTM4686 Datasheet HTML 7Page - Analog Devices LTM4686 Datasheet HTML 8Page - Analog Devices LTM4686 Datasheet HTML 9Page - Analog Devices LTM4686 Datasheet HTML 10Page - Analog Devices LTM4686 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 130 page
background image
LTM4686B
7
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN = 5V, RUNn = 5V,
FREQUENCY_SWITCH = 1MHz, VOUT_COMMANDn = 1V and VOUT_UV_FAULT_RESPONSEn = TON_MAX_FAULT_RESPONSEn = 0x00
unless otherwise noted. All other command codes configured per factory-default EEPROM settings unless otherwise noted. Tested per
Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Input Voltage (SVIN) Readback (READ_VIN)
NSVIN–RB
Input Voltage
Readback Resolution
and LSB Step Size
(Notes 10, 15)
10
15.625
Bits
mV
SVIN–F/S
Input Voltage Full-
Scale Digitizable
Range
(Notes 11, 15)
38.91
V
SVIN–RB–ACC
Input Voltage
Readback Accuracy
READ_VIN, 4.5V ≤ SVIN ≤ 5.75V
l
Within ±2% of Reading
tCONVERT–SVIN–RB Input Voltage
Readback Update Rate
MFR_ADC_CONTROL = 0x00 (Notes 9, 15)
MFR_ADC_CONTROL = 0x01 (Notes 9, 15)
90
8
ms
ms
Channels0and1OutputCurrent(READ_IOUTn),DutyCycle(READ_DUTY_CYCLEn),andComputedInputCurrent(MFR_READ_IINn)Readback
NIO–RB
Output Current
Readback Resolution
and LSB Step Size
(Notes 10, 12)
10
15.6
Bits
mA
IO–F/S, II–F/S
Output Current
Full-Scale Digitizable
Range and Input
Current Range of
Calculation
(Note 12)
±40
A
IO–RB–ACC
Output Current,
Readback Accuracy
READ_IOUTn, Channels 0 and 1, 0 ≤ IOUTn ≤ 10A,
Forced-Continuous Mode, MFR_PWM_MODEn[1:0] = 11b
l
Within 1A of Reading
IO–RB(10A)
Full Load Output
Current Readback
IOUTn = 10A (Note 12). See Histograms in Typical Performance
Characteristics
10
A
NII–RB
Computed Input
Current, Readback
Resolution and LSB
Step Size
(Notes 10, 12)
10
1.95
Bits
mA
II–RB–ACC
Computed Input
Current, Readback
Accuracy, Neglecting
ISVIN
MFR_READ_IINn, Channels 0 and 1, 0 ≤ IOUTn ≤ 10A,
Forced Continuous Mode, MFR_PWM_MODEn[1:0] = 11b,
MFR_IIN_OFFSETn = 0mA
l
Within150mAofReading
tCONVERT–IO–RB
Output Current
Readback Update Rate
MFR_ADC_CONTROL = 0x00 (Notes 9, 15)
MFR_ADC_CONTROL = 0x0D (Notes 9, 15)
MFR_ADC_CONTROL = 0x06 or 0x0A (Notes 9, 15)
90
27
8
ms
ms
ms
tCONVERT–II–RB
Computed Input
Current, Readback
Update Rate
MFR_ADC_CONTROL = 0x00 (Notes 9, 15)
90
ms
NDUTY–RB
Resolution, Duty Cycle
Readback
(Notes 10, 15)
10
Bits
DRB–ACC
Duty Cycle TUE
READ_DUTY_CYCLEn, 16.3% Duty Cycle (Note 15)
±3
%
tCONVERT–DUTY–RB Duty Cycle Readback
Update Rate
MFR_ADC_CONTROL = 0x00 (Notes 9, 15)
90
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com