Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM4686
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 20Page - Analog Devices LTM4686 Datasheet HTML 21Page - Analog Devices LTM4686 Datasheet HTML 22Page - Analog Devices LTM4686 Datasheet HTML 23Page - Analog Devices LTM4686 Datasheet HTML 24Page - Analog Devices LTM4686 Datasheet HTML 25Page - Analog Devices LTM4686 Datasheet HTML 26Page - Analog Devices LTM4686 Datasheet HTML 27Page - Analog Devices LTM4686 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 130 page
background image
LTM4686B
24
Rev. 0
For more information www.analog.com
OPERATION
its switching frequency to a clock signal supplied to
its SYNC pin when MFR_CONFIG_ALL[4] = 1b. These
parameters can be configured at SVIN power-up accord-
ing to resistor-pin strapping of the FSWPHCFG pin, pro-
vided MFR_CONFIG_ALL[6] = 0b.
n
Output voltage turn-on and turn-off sequencing and
associated watchdog timers, namely:
• Output voltage turn-on delay time (the time delay
from the LTM4686B being commanded to turn
on, e.g., by the RUNn pin toggling from logic
low to high, before switching action commences.
TON_DELAYn).
• Output voltage soft-start ramp-up time (TON_RISEn).
• The amount of time (TON_MAX_FAULT_LIMITn)
permitted to elapse after the LTM4686B is com-
manded to turn on, e.g., by the RUNn pin toggling
from logic low to high, after which, if the output
voltage fails to exceed the output undervoltage
fault threshold (VOUT_UV_FAULT_LIMITn), the
LTM4686B’s output (VOUTn) is declared to have not
come up in a timely manner.
• The LTM4686B’s response to any such afore-
mentioned TON_MAX_FAULT_LIMITn event
(TON_MAX_FAULT_RESPONSEn).
• Output voltage soft-stop ramp-down time
(TOFF_FALLn).
• Output voltage turn-off delay time (the time delay
from the LTM4686B being commanded to turn off,
e.g., by the RUNn pin toggling from logic high to low,
before switching action ceases. TOFF_DELAYn).
• When commanded to turn off its output—or,
when turning off its output in response to a fault—
configuring whether the LTM4686B’s output (VOUTn)
becomes high impedance (“High-Z” or “three
state”—turning off both MTn and MBn in the power
stage). (“Immediate Off”, ON_OFF_CONFIGn[0] = 1b
vs configuring the output voltage to be ramped down
according to TOFF_FALLn and/or TOFF_DELAYn set-
tings, ON_OFF_CONFIGn[0] = 0b).
• The amount of time (TOFF_MAX_WARN_LIMITn)
permitted to elapse after the LTM4686B is supposed
to have turned off its output, i.e., at the end of the
period dictated by TOFF_FALLn, after which, If the
output voltage has not fallen below 12.5% of the
former target voltage of regulation, the LTM4686B’s
output (VOUTn) is declared to have not powered
down in a timely manner.
n
Configurable output voltage restart time. Subsequent to
theRUNn pinbeingpulledlow,theLTM4686BpullsRUNn
logic low, itself, and the output cannot be restarted until a
minimum time has elapsed—the restart delay time. This
delay assures proper sequencing of all system rails. The
minimum restart delay processed by the LTM4686B is
the longer of (TOFF_DELAYn + TOFF_FALLn + 136ms)
vs the commanded MFR_RESTART_DELAYn register
value. At the end of this delay, the LTM4686B releases
its RUNn pin.
n
Configurable fault-hiccup retry delay time. When a
fault occurs in which the LTM4686B’s fault response
behavior to that fault is to reattempt power-up of its out-
put voltage after said fault ceases to be present (e.g.,
“Infinite Retry”), the delay time for the LTM4686B to
re-engage switching action is the longer of the MFR_
RETRY_DELAYn time vs the time required for the out-
put to decay below 12.5% of the formerly commanded
output voltage value (unless this latter most criteria, i.e.,
requiring the output to decay below 12.5% is negated by
the setting of MFR_CHAN_CONFIGn[0] to “1b”—which
is the LTM4686B’s factory-NVM default setting).
n
Output over/undervoltage fault responses (VOUT_OV_
FAULT_RESPONSEn, VOUT_UV_FAULT_RESPONSEn).
n
Time-averaged current limit warning and instanta-
neous peak (cycle-by-cycle) fault thresholds, and
fault response (IOUT_OC_WARN_LIMITn, IOUT_OC_
FAULT_LIMITn, IOUT_OC_FAULT_RESPONSEn).
n
Channel (VOUT0, VOUT1) overtemperature warning
and fault thresholds, and fault response (OT_WARN_
LIMITn, OT_FAULT_LIMITn, OT_FAULT_RESPONSEn).
n
Channel (VOUT0, VOUT1) undertemperature fault
thresholds and fault response (UT_FAULT_LIMITn,
UT_FAULT_RESPONSEn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com