Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4686
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 2Page - Analog Devices LTM4686 Datasheet HTML 3Page - Analog Devices LTM4686 Datasheet HTML 4Page - Analog Devices LTM4686 Datasheet HTML 5Page - Analog Devices LTM4686 Datasheet HTML 6Page - Analog Devices LTM4686 Datasheet HTML 7Page - Analog Devices LTM4686 Datasheet HTML 8Page - Analog Devices LTM4686 Datasheet HTML 9Page - Analog Devices LTM4686 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 130 page
background image
LTM4686B
6
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified
internal operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN = 5V, RUNn = 5V,
FREQUENCY_SWITCH = 1MHz, VOUT_COMMANDn = 1V and VOUT_UV_FAULT_RESPONSEn = TON_MAX_FAULT_RESPONSEn = 0x00
unless otherwise noted. All other command codes configured per factory-default EEPROM settings unless otherwise noted. Tested per
Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
VUV–RNG
Output UV Comparator
Threshold Detection
Range
(Note 15)
High Range Scale, MFR_PWM_MODEn[1] = 0b
Low Range Scale, MFR_PWM_MODEn[1] = 1b
1
0.5
3.6
2.7
V
V
VUV–ACC
Output UV Comparator
Threshold Accuracy
(See Note 14)
2V ≤ VVOSNS0+ – VVOSNS0– ≤ 3.6V, MFR_PWM_MODE0[1] = 0b
1V ≤ VVOSNS0+ – VVOSNS0– ≤ 2.7V, MFR_PWM_MODE0[1] = 1b
0.5V ≤ VVOSNS0+ – VVOSNS0– < 1V, MFR_PWM_MODE0[1] = 1b
2V ≤ VVOSNS1 – VSGND ≤ 3.6V, MFR_PWM_MODE1[1] = 0b
1.5V ≤ VVOSNS1 – VSGND ≤ 2.7V, MFR_PWM_MODE1[1] = 1b
0.5V ≤ VVOSNS1 – VSGND < 1.5V, MFR_PWM_MODE1[1] = 1b
l
l
l
l
l
l
±2
±2
±20
±2
±2
±30
%
%
mV
%
%
mV
tPROP–OV
Output OV Comparator
Response Times
Overdrive to 10% Above Programmed Threshold
35
µs
tPROP–UV
Output UV Comparator
Response Times
Underdrive to 10% Below Programmed Threshold
50
µs
SVIN OV/UV Analog Input Voltage Supervisor Comparators (Threshold Detectors for VIN_ON and VIN_OFF)
NSVIN–OV/
UV–COMP
SVIN OV/UV
Comparator
Threshold-
Programming
Resolution
(Note 15)
8
Bits
SVIN–OU–RANGE
SVIN OV/UV
Comparator
Threshold-
Programming Range
l
4.5
5.75
V
SVIN–OU–STP
SVIN OV/UV
Comparator
Threshold-
Programming LSB
Step Size
(Note 15)
82
mV
SVIN–OU–ACC
SVIN OV/UV
Comparator Threshold
Accuracy
4.5V ≤ SVIN ≤ 5.75V
l
±225
mV
tPROP–SVIN–LOW–
VIN
SVIN OV/UV
Comparator
Response Time,
Low VIN Operating
Configuration
Test Circuit 1, and:
VIN_ON = 4.5V; SVIN Driven from 4.225V to 4.725V
VIN_OFF = 4.5V; SVIN Driven from 4.725V to 4.225V
l
l
35
35
µs
µs
Channels 0 and 1 Output Voltage Readback (READ_VOUT
n)
NVO–RB
Output Voltage
Readback Resolution
and LSB Step Size
(Note 15)
16
244
Bits
µV
VO–F/S
Output Voltage
Full-Scale Digitizable
Range
VRUNn = 0V (Notes 7, 15)
8
V
VO–RB–ACC
Output Voltage
Readback Accuracy
Channel 0: 1V ≤ VVOSNS0+ – VVOSNS0– ≤ 3.6V
Channel 0: 0.5V ≤ VVOSNS0+ – VVOSNS0– < 1V
Channel 1: 1V ≤ VVOSNS1 – VSGND ≤ 3.6V
Channel 1: 0.5V ≤ VVOSNS1 – VSGND < 1V
l
l
l
l
Within±0.5%ofReading
Within±5mVofReading
Within±0.5%ofReading
Within±5mVofReading
tCONVERT–VO–RB Output Voltage
Readback Update Rate
MFR_ADC_CONTROL = 0x00 (Notes 9, 15)
MFR_ADC_CONTROL = 0x0D (Notes 9, 15)
MFR_ADC_CONTROL = 0x05 or 0x09 (Notes 9, 15)
90
27
8
ms
ms
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com