Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 39 Page - Analog Devices

Part # LTM4686
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 35Page - Analog Devices LTM4686 Datasheet HTML 36Page - Analog Devices LTM4686 Datasheet HTML 37Page - Analog Devices LTM4686 Datasheet HTML 38Page - Analog Devices LTM4686 Datasheet HTML 39Page - Analog Devices LTM4686 Datasheet HTML 40Page - Analog Devices LTM4686 Datasheet HTML 41Page - Analog Devices LTM4686 Datasheet HTML 42Page - Analog Devices LTM4686 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 130 page
background image
LTM4686B
39
Rev. 0
For more information www.analog.com
PMBus COMMAND SUMMARY
Table 1. Summary of Supported Commands
PMBus COMMAND
NAME, OR FEATURE
CMD CODE
(REGISTER)
COMMAND OR FEATURE
DESCRIPTION
LTM4686B NVM FACTORY-DEFAULT VALUE AND/OR ATTRIBUTES
PAGE
VOUT_MAXn
0x24
The upper limit on the
commandable output voltage.
0x3A14 (3.630V), read/write, paged, stored in user-editable NVM.
90
VOUT_MARGIN_
HIGHn
0x25
Margin high output voltage set
point. Must be greater than
VOUT_COMMANDn.
0x10CD (1.050V), read/write, paged, stored in user-editable NVM.
91
VOUT_MARGIN_
LOWn
0x26
Margin low output voltage set
point. Must be less than
VOUT_COMMANDn.
0x0F33 (0.95V), read/write, paged, stored in user-editable NVM.
91
VOUT_TRANSITION_
RATEn
0x27
The rate at which the output
voltage changes when VOUTn is
commanded to a new value via
I2C.
0x08B33 (25mV/ms), read/write, paged, stored in user-editable NVM.
97
FREQUENCY_
SWITCH
0x33
The switching frequency setting.
0x03E8 (1MHz), read/write, non-paged, stored in user-editable NVM.
88
VIN_ON
0x35
The undervoltage lockout (UVLO)–
rising threshold.
0xCA20 (4.250V)
Voltage as monitored on the “SVIN” pin, read/write, non-paged, stored in
user-editable NVM.
89
VIN_OFF
0x36
The undervoltage lockout (UVLO)–
falling threshold.
0xCA00 (4.000V)
Voltage as monitored on the “SVIN” pin, read/write, non-paged, stored in
user-editable NVM.
89
IOUT_CAL_GAINn
0x38
The ratio of the voltage at the
control IC’s current-sense pins
to the sensed current, in mΩ, at
25°C.
Trimmed at ATE, read/write, paged, stored in factory-only NVM. Writes to
this register not recommended.
93
VOUT_OV_FAULT_
LIMITn
0x40
Output overvoltage fault limit.
0x119A (1.100V), read/write, paged, stored in user-editable NVM.
90
VOUT_OV_FAULT_
RESPONSEn
0x41
Action to be taken by the device
when an output overvoltage fault
is detected.
0x80 (immediate off; no retry), read/write, paged, stored in user-editable
NVM.
100
VOUT_OV_WARN_
LIMITn
0x42
Output overvoltage warning
threshold.
0x1133 (1.075V), read/write, paged, stored in user-editable NVM.
91
VOUT_UV_WARN_
LIMITn
0x43
Output undervoltage warning
threshold.
0x0ECD (0.925V), read/write, paged, stored in user-editable NVM.
92
VOUT_UV_FAULT_
LIMITn
0x44
Output undervoltage fault limit.
0x0E66 (0.900V), read/write, paged, stored in user-editable NVM.
92
VOUT_UV_FAULT_
RESPONSEn
0x45
Action to be taken by the device
when an output undervoltage fault
is detected.
0xB8 (non-latching shutdown; autonomous restart upon fault removal),
read/write, paged, stored in user-editable NVM.
101
IOUT_OC_FAULT_
LIMITn
0x46
Output overcurrent fault threshold
(cycle-by-cycle inductor peak
current).
0xE240 (36A), read/write, paged, stored in user-editable NVM.
94
IOUT_OC_FAULT_
RESPONSEn
0x47
Action to be taken by the device
when an output overcurrent fault
is detected.
0x00 (try to regulate through the fault condition/event; limit the cycle-by-
cycle peak of the inductor current to not exceed the commanded IOUT_
OC_FAULT_LIMIT), read/write, paged, stored in user-editable NVM.
103
IOUT_OC_WARN_
LIMITn
0x4A
Output overcurrent warning
threshold (time-averaged inductor
current).
0xDA90 (20.5A), read/write, paged, stored in user-editable NVM.
94
OT_FAULT_LIMITn
0x4F
Overtemperature fault threshold.
0xF200 (128°C), read/write, paged, stored in user-editable NVM.
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com