Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8967AFR3 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 29Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 30Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 31Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 32Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 33Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 34Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 35Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 36Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Field
Description
1
SRC_ASLP
Auto-WAKE/SLEEP event status flag
0: A WAKE-to-SLEEP or SLEEP-to-WAKE system operating mode transition has not occurred.
1: A WAKE-to-SLEEP or a SLEEP-to-WAKE system operating mode transition has occurred.
Reading the
SYS_MODE register allows the host processor to determine if the transition direction
was from WAKE-to-SLEEP or SLEEP-to-WAKE:
• A WAKE-to-SLEEP transition is observed when no configured interrupt event occurs for a time
period (number of ODR periods) that equals the user-specified inactivity time limit programmed
in the
ASLP_COUNT_LSB and ASLP_COUNT_MSB registers. On expiry of configured time
period with no user specified activity, the system transitions to the user-specified SLEEP power
mode (
SENS_CONFIG2[sleep_pm]) and ODR (or decimation and idle time settings when Flexible
Performance mode is selected).
• A SLEEP-to-WAKE transition occurs when a configured interrupt event flag becomes
active. The interrupt event flag transitions to the user-specified WAKE power mode (
SENS_
CONFIG2[wake_pm]) and ODR (or decimation and idle time settings when Flexible Performance
mode is selected).
Notes:
• The SRC_ASLP event flag is cleared by reading the SYS_MODE register.
• The SRC_ASLP event flag is enabled when ASLP_COUNT ≥ 1 which also enables the Auto-
WAKE/SLEEP function. The SRC_ASLP flag is only operational when
INT_EN[ALSP_EN] = 1.
0
SRC_BOOT
System boot complete event flag
0: Boot sequence in process/not complete.
1: Boot sequence completed; FXLS8967AF is now ready to accept commands over the I2C or SPI
interfaces.
This flag is automatically set to 1 upon completion of the boot process and remains set until a POR,
soft reset, or exit from Hibernate mode event occurs.
When BT_MODE = GND: Boot interrupt is generated in INT1/MOT_DET pin by default. This event
flag may be configured to generate an interrupt on either the INT1 or INT2 pin depending on the
mapping selected in
INT_PIN_SEL. When this event flag is enabled as an interrupt output, either the
INT1 or INT2 (depending on the setting made in
INT_PIN_SEL register) pin is pulsed once with a
width of TBOOT1 µs when the boot process completes.
When BT_MODE = VDD: The INT2/BOOT_OUT pin is pulsed once with a duration of TBOOT2 ms when
the boot process completes. The pulse is active low (open-drain output); an external pull-up resistor is
required.
Notes:
• When BT_MODE = GND, after a POR or exiting Hibernate mode, the polarity of the BOOT pulse
is default Active High because any I2C write to the
SENS_CONFIG4[INT_POL] fails until the boot
process has completed.
• After a Soft Reset, the INT_POL, INT_PP_OD, and INT_PIN_SEL register settings are
not reset and maintain their previous values. As a result, an I2C or SPI write to the
SENS_
CONFIG4[(INT_PP_OD and INT_POL bits)] and INT_PIN_SEL[BOOT_INT2] bits before the Soft
Reset determines the logic polarity, output driver type, and INT1/2 pin mapping of the subsequent
Boot pulse.
• It is not possible to observe the state of the SRC_BOOT bit at '0' over the I2C or SPI interfaces as
read and write operations fails until the boot process has completed.
Table 22. INT_STATUS register (address 00h) bit description...continued
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
33 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com