Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8967AFR3 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 52Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 53Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 54Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 55Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 56Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 57Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 58Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 59Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
WAKE mode ODR (Hz)
WAKE mode
ODR Period (ms)
ASLP_COUNT Period (ms)
Max Inactivity Times
400
2.5
2.5
10.24
200
5
5
20.48
100
10
10
40.96
50
20
20
81.92
25
40
40
163.84
12.5
80
80
327.68
6.25
160
160
655.36
3.125
320
320
1310.72
1.563
640
640
2621.44
0.781
1280
1280
5242.54
Table 69. ASLP_COUNT timer period...continued
Interrupt Event
Source
Event flag can clear auto-sleep timer?
Event flag can transition the device from
SLEEP to WAKE mode?
SRC_DRDY
No
No
SRC_OVF
No
No
SRC_BUF
Yes[1]
No
SRC_SDCD_OT
Yes
Yes
SRC_SDCD_WT
Yes
Yes
SRC_ORIENT
Yes
Yes
SRC_ASLP
No[2]
No[2]
SRC_BOOT
No
No
Table 70. Auto-WAKE/SLEEP Interrupt Event Sources
[1]
When BUF_CONFIG2[WAKE_SRC_BUF] = 1, clearing the SRC_BUF event flag resets the auto-sleep timer and prevent FXLS8967AF from entering
SLEEP mode. When BUF_CONFIG2[WAKE_SRC_BUF] = 0 (default), FXLS8967AF enters SLEEP mode regardless of the state of the BUF_WMRK or
BUF_OVF event flags.
[2]
If the BUF_GATE bit is set to logic '1', it prevents the output buffer from accepting new data after a WAKE-to-SLEEP or SLEEP-to-WAKE operating mode
transition until the host first empties the buffer contents. The BUF_GATE bit is useful for preventing acceleration data from different WAKE and SLEEP
mode ODRs from being mixed within the buffer.
15.21 INT_EN register (address 20h)
This register is used to enable and disable the various interrupt event generators
embedded within the device.
Note:
• When BT_MODE = VDD, the INT1/MOT_DET pin signals any mapped (and enabled)
interrupts with a TPULSE-MOT ms active low pulse (open-drain output with external pull-
up).
• Any enabled interrupt is signaled with a TPULSE-MOT ms pulse at the ODR rate until the
respective interrupt source flag is cleared.
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
56 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com