Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8967AFR3 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 72Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 73Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 74Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 75Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 76Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 77Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 78Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 79Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
This register sets the minimum number of debounce counts needed to recognize the
SDCD within-threshold condition as true.
A transition from Standby to Active, Active to Standby, or a change in an Auto-WAKE/
SLEEP mode change resets the internal counter.
Bit
7
6
5
4
3
2
1
0
Name
SDCD_WT_DBCNT[7:0]
Reset (BT_MODE = GND)
0
0
0
0
0
0
0
0
Reset (BT_MODE = VDD)
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 106. SDCD_WT_DBCNT register (address 32h) bit allocation
Field
Description
7 to 0
SDCD_WT_
DBCNT[7:0]
The SDCD_WT_DBCNT value defines the minimum number of debounce sample counts required
for the detection of an SDCD_WT condition event. The WT_DBCNTM bit determines the behavior of
the counter when the condition of interest is momentarily not true. The time step for the counter is the
same as the selected ODR period (or effective ODR period in FPM).
Table 107. SDCD_WT_DBCNT register (address 32h) bit description
15.31.7 SDCD_LTHS_LSB register (address 33h)
Sensor Data Change Detection function 12-bit 2's complement lower threshold
least significant byte.
SDCD_LTHS[11:0] must always be set to a lower value than
SDCD_UTHS[11:0] to ensure that the SDCD circuit functions correctly and produces
meaningful results.
The scaling for this register is always the same as the selected FSR sensitivity. See
Section 9 for the sensitivity values corresponding to each of the selectable FSRs.
Bit
7
6
5
4
3
2
1
0
Name
SDCD_LTHS[7:0]
Reset (BT_MODE = GND)
0
0
0
0
0
0
0
0
Reset (BT_MODE = VDD)
1
1
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 108. SDCD_LTHS_LSB register (address 33h) bit allocation
Field
Description
7 to 0
SDCD_LTHS[7:0]
LSB of the signed 12-bit 2's complement lower threshold value.
Table 109. SDCD_LTHS_LSB register (address 33h) bit description
15.31.8 SDCD_LTHS_MSB register (address 34h)
Sensor Data Change Detection function 12-bit 2's complement lower threshold most
significant byte (nibble).
SDCD_LTHS[11:0] must always be set to a lower value than
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
76 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com