Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8967AFR3 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 38Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 39Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 40Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 41Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 42Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 43Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 44Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 45Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
15.9 WHO_AM_I register (address 13h)
This register contains the NXP unique sensor product identifier and is factory
programmed to 87h for FXLS8967AF.
Bit
7
6
5
4
3
2
1
0
Name
WHO_AM_I[7:0]
Reset
1
0
0
0
0
1
1
1
Access
R
R
R
R
R
R
R
R
Table 44. WHO_AM_I register (address 13h) bit allocation
15.10 SYS_MODE register (address 14h)
The
SYS_MODE register indicates the current device operating mode. Applications
using the Auto-WAKE/SLEEP mechanism should use this register to synchronize their
application with FXLS8967AF operating mode transitions. This register also indicates the
status of the buffer gate error flag and the buffer gate count.
Bit
7
6
5
4
3
2
1
0
Name
BUF_
GATE_
ERR
BUF_GATE_CNT[4:0]
SYS_MODE[1:0]
Reset (BT_MODE = GND)
0
—
—
—
—
—
0
0
Reset (BT_MODE = VDD)
0
—
—
—
—
—
0
1
Access
R
R
R
R
R
R
R
R
Table 45. SYS_MODE register (address 14h) bit allocation
Field
Description
7
BUF_GATE_ERR
Buffer gate error flag:
0: A buffer gate error has not been detected
1: A buffer gate error was detected.
If
BUF CONFIG1[BUF _GATE] = 1 and the output buffer is not emptied before the arrival of the
next XYZ acceleration sample, the BUF _GATE_ERR flag is asserted. The BUF GATE_ERR flag
remains asserted as long as the output buffer remains un-emptied.
The BUF GATE_ERR flag may be cleared in one of the following ways:
1. Reading out the entire contents of the output buffer such that
BUF _STATUS[BUF_CNT[5:0]]
= 0.
2. Flushing (clearing) the output buffer contents by setting
BUF_CONFIG2[BUF _FLUSH] = 1.
3. Disabling the output buffer by setting
BUF _CONFIG1[BUF MODE[1:0]] = 00b, which clears
BUF_CNT.
4. Transitioning FXLS8967AF from Standby to Active mode.
Table 46. SYS_MODE register (address 14h) bit description
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
42 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com