Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8967AFR3 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 70Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 71Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 72Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 73Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 74Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 75Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 76Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 77Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Field
Description
6 to 5
REF_UPDM
SDCD internal reference values update mode
00b: The function stores the first 12-bit X/Y/Z decimated and trimmed input data (OUT_X/Y/Z[n=0]) as
the internal REF_X/Y/Z values after the function is enabled (SDCD_EN is set to 1). The REF_X/Y/Z
values are updated with the current 12-bit X/Y/Z decimated input data (OUT_X/Y/Z[n]) at the time the
SDCD_OT_EA flag transitions from false to true.
01b: The function stores the first decimated and trimmed X/Y/Z acceleration input data (OUT_X/Y/
Z[n=0]) as the internal REF_X/Y/Z values when the SDCD function is enabled; the REF_X/Y/Z values
are then held constant and never updated until the SDCD function is disabled and subsequently
reenabled, or asynchronously when the host sets the REF_UPD bit.
10b: The function updates the SDCD_REF_X/Y/Z values with the current decimated and trimmed X/
Y/Z acceleration input data after the function evaluation. This operation allows for acceleration slope
detection with Data(n) to Data(n–1) always used as the input to the window comparator.
11b: The function uses a fixed value of 0 for each of the SDCD_REF_X/Y/Z registers, making the
function operate in absolute comparison mode.
4
OT_DBCTM
SDCD outside-of-threshold event debounce counter behavior
0 (default): Debounce counter decrements by 1 when the current outside of thresholds result for the
enabled axes is false. In this mode, the debounce counter de-bounces the outside of thresholds event
in both directions, meaning that once the event flag has been set (after SDCD_OT_DBCNT ODR
periods with the condition true), the condition must also remain false for at least SDCD_OT_DBCNT +
1 consecutive ODR periods before the next event detection cycle can begin.
1: Debounce counter is cleared whenever the current outside of thresholds result for the enabled
axes is false.
3
WT_DBCTM
SDCD within-thresholds event debounce counter behavior
0 (default): Debounce counter decrements by 1 when the current within thresholds result for the
enabled axes is false. In this mode, the debounce counter de-bounces the event in both directions,
meaning that once the event flag has been set (after SDCD_WT_DBCNT ODR periods with the
condition true), the condition must also remain false for at least SDCD_WT_DBCNT + 1 consecutive
ODR periods before the next event detection cycle can begin.
1: Debounce counter is cleared whenever the SDCD within thresholds result for the enabled axes is
false.
2
WT_LOG_SEL
SDCD within-thresholds event logic selection
0 (default): Function uses the logical AND of the enabled axes.
1: Function uses the logical OR of the enabled axes.
1
MODE
SDCD input data mode
0 (default): Function uses X, Y, Z acceleration data for the window comparison.
1: Function uses Vector magnitude data for the window comparison on the X-axis channel only; all
other SDCD channels are disabled and ignored by the function.
Note: The SENS_CONFIG5[VECM_EN] bit must also be set in order for the SDCD function to
operate correctly when MODE is set to 1.
0
REF_UPD
SDCD synchronous X/Y/Z reference values update bit
0: No reference update pending or reference update has completed.
1: Triggers a synchronous update of the internal X/Y/Z reference registers.
When the REF_UPD bit is set, it forces a synchronous update of the internal REF_X/Y/Z registers. If
REF_UPDM[1:0] = 11b (absolute mode), no update occurs and the REF_X/Y/Z values remain fixed
at 000h. The actual update of the internal reference values with the X/Y/Z acceleration data may be
delayed by up to 1 ODR period after this bit is set. See Figure 18 for further details.
Notes:
• This bit is self-cleared after the REF_X/Y/Z registers are updated. The host may not be able to
observe a value of '1' as the operation can complete before the next I2C or SPI read cycle occurs.
• This bit can be written at any time in either Active or Standby mode.
Table 103. SDCD_CONFIG2 register (address 30h) bit description...continued
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
74 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com