Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1385EVS Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # F1385EVS
Description  DPD Demodulator for PA Linearization 3200 to 4400 MHz
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1385EVS Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button F1385EVS Datasheet HTML 29Page - Renesas Technology Corp F1385EVS Datasheet HTML 30Page - Renesas Technology Corp F1385EVS Datasheet HTML 31Page - Renesas Technology Corp F1385EVS Datasheet HTML 32Page - Renesas Technology Corp F1385EVS Datasheet HTML 33Page - Renesas Technology Corp F1385EVS Datasheet HTML 34Page - Renesas Technology Corp F1385EVS Datasheet HTML 35Page - Renesas Technology Corp F1385EVS Datasheet HTML 36Page - Renesas Technology Corp F1385EVS Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
F1385 Datasheet
© 2022 Renesas Electronics Corporation
33
February 7, 2022
Figure 119. Serial mode timing diagram zoom:
•
Data is shifted with the rising edge of CLK when /CS is low
•
The rising edge of /CS latches data into the device
Table 9. Logic Truth Table
STBY
SW_LATCH
Mode
Write Access
0
0
Operating Mode
A2:A0 Enabled, D7:D0 Enabled
0
1
Operating Mode
A2:A0 Disabled, D7:D0 Enabled
1
0
Off
A2:A0 Enabled, D7:D0 Enabled
1
1
Off
A2:A0 Disabled, D7:D0 Enabled
Ten
/CS
CLK
DATA
Ts
Th
Ten
/CS
Th
Ts
DATA
A7
A6
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com