Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1385EVS Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # F1385EVS
Description  DPD Demodulator for PA Linearization 3200 to 4400 MHz
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1385EVS Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button F1385EVS Datasheet HTML 34Page - Renesas Technology Corp F1385EVS Datasheet HTML 35Page - Renesas Technology Corp F1385EVS Datasheet HTML 36Page - Renesas Technology Corp F1385EVS Datasheet HTML 37Page - Renesas Technology Corp F1385EVS Datasheet HTML 38Page - Renesas Technology Corp F1385EVS Datasheet HTML 39Page - Renesas Technology Corp F1385EVS Datasheet HTML 40Page - Renesas Technology Corp F1385EVS Datasheet HTML 41Page - Renesas Technology Corp F1385EVS Datasheet HTML 42Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
F1385 Datasheet
© 2022 Renesas Electronics Corporation
38
February 7, 2022
Application Information
F1385 has been optimized for use in high performance RF applications from 3200 MHz to 4400 MHz.
Power Supplies
All supply pins should be bypassed with external capacitors to minimize noise and fast transients. Supply noise can degrade noise figure and
fast transients can trigger ESD clamps and cause them to fail. Supply voltage change or transients should have a slew rate smaller than
1 V / 20 µS. In addition, all control pins should remain at 0 V (+/-0.3 V) while the supply voltage ramps or while it returns to zero.
Control Pin Voltage & Resistance Values (pins not connected)
The following table provides open-circuit DC voltage and resistance values referenced to ground for each of the control pins listed.
Table 12. Control Pin Voltage and resistances
Pin
Name
DC voltage (volts)
Resistance (ohms)
1
SW_LATCH
1.75
1.6M
2
RF_SEL
1.75
800K
14
STBY
5.00
50K
26
CSb
1.75
1.6M
27
DATA
1.75
1.6M
28
CLK
1.75
1.6M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com