Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1385EVS Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # F1385EVS
Description  DPD Demodulator for PA Linearization 3200 to 4400 MHz
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1385EVS Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button F1385EVS Datasheet HTML 24Page - Renesas Technology Corp F1385EVS Datasheet HTML 25Page - Renesas Technology Corp F1385EVS Datasheet HTML 26Page - Renesas Technology Corp F1385EVS Datasheet HTML 27Page - Renesas Technology Corp F1385EVS Datasheet HTML 28Page - Renesas Technology Corp F1385EVS Datasheet HTML 29Page - Renesas Technology Corp F1385EVS Datasheet HTML 30Page - Renesas Technology Corp F1385EVS Datasheet HTML 31Page - Renesas Technology Corp F1385EVS Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
F1385 Datasheet
© 2022 Renesas Electronics Corporation
28
February 7, 2022
Figure 99. OIP2 vs. Attenuator Setting [High
Side LO, RFX, at RF Frequency]
Figure 100.
OIP2 vs. Attenuator Setting [High
Side LO, RFY, at RF Frequency]
Figure 101.
Amplitude Balance vs. Temp [RFX]
Figure 102.
Phase Balance vs. Temp [RFX]
Figure 103.
Amplitude Balance vs. Vcc [RFX]
Figure 104.
Phase Balance vs. Vcc [RFX]
30
35
40
45
50
55
60
65
70
75
80
0
2
4
6
8
10 12 14 16 18 20 22 24 26
Attenuator Setting (dB)
+25 C / 3.2 GHz / IFI
+25 C / 3.2 GHz / IFQ
+25 C / 3.4 GHz / IFI
+25 C / 3.4 GHz / IFQ
+25 C / 3.6 GHz / IFI
+25 C / 3.6 GHz / IFQ
30
35
40
45
50
55
60
65
70
75
80
0
2
4
6
8
10 12 14 16 18 20 22 24 26
Attenuator Setting (dB)
+25 C / 3.2 GHz / IFI
+25 C / 3.2 GHz / IFQ
+25 C / 3.4 GHz / IFI
+25 C / 3.4 GHz / IFQ
+25 C / 3.6 GHz / IFI
+25 C / 3.6 GHz / IFQ
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
3.0
3.2
3.4
3.6
3.8
4.0
LO Frequency (GHz)
Ta = -45 C / 5.00 V / +0 dBm
Tc = +25 C / 5.00 V / +0 dBm
Tc = +105 C / 5.00 V / +0 dBm
-4
-3
-2
-1
0
1
2
3
4
3.0
3.2
3.4
3.6
3.8
4.0
LO Frequency (GHz)
Ta = -45 C / 5.00 V / +0 dBm
Tc = +25 C / 5.00 V / +0 dBm
Tc = +105 C / 5.00 V / +0 dBm
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
3.0
3.2
3.4
3.6
3.8
4.0
LO Frequency (GHz)
Tc = +25 C / 4.75 V / +0 dBm
Tc = +25 C / 5.00 V / +0 dBm
Tc = +25 C / 5.25 V / +0 dBm
-4
-3
-2
-1
0
1
2
3
4
3.0
3.2
3.4
3.6
3.8
4.0
LO Frequency (GHz)
Tc = +25 C / 4.75 V / +0 dBm
Tc = +25 C / 5.00 V / +0 dBm
Tc = +25 C / 5.25 V / +0 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com