Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1385EVS Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # F1385EVS
Description  DPD Demodulator for PA Linearization 3200 to 4400 MHz
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1385EVS Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button F1385EVS Datasheet HTML 33Page - Renesas Technology Corp F1385EVS Datasheet HTML 34Page - Renesas Technology Corp F1385EVS Datasheet HTML 35Page - Renesas Technology Corp F1385EVS Datasheet HTML 36Page - Renesas Technology Corp F1385EVS Datasheet HTML 37Page - Renesas Technology Corp F1385EVS Datasheet HTML 38Page - Renesas Technology Corp F1385EVS Datasheet HTML 39Page - Renesas Technology Corp F1385EVS Datasheet HTML 40Page - Renesas Technology Corp F1385EVS Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
F1385 Datasheet
© 2022 Renesas Electronics Corporation
37
February 7, 2022
Table 11. Bill of Material (BOM Rev 3)
Part Reference
QTY
Description
Manufacturer Part #
Manufacturer
C2, C3, C4
3
100 pF ±5%, 50 V, C0G Ceramic Capacitor (0402)
GRM1555C1H101J
MURATA
C6, C7, C8, C9, C12,
C14, C21, C22, C24
9
10 nF ±5%, 50 V, X7R Ceramic Capacitor (0402)
GRM155R71H103J
MURATA
C5, C10, C11, C15,
C20, C23
6
1000 pF ±5%, 50 V, C0G Ceramic Capacitor (0402)
GRM1555C1H102J
MURATA
C17, C25
2
39 pF ±5%, 50 V, C0G Ceramic Capacitor (0402)
GRM1555C1H390J
MURATA
C16
1
10 uF ±20%, 16 V, X5R Ceramic Capacitor (0603)
GRM188R81C106M
MURATA
CX1
1
0.4 pF ±0.05 pF, 50 V, C0G Ceramic Capacitor (0402)
GRM1555C1HR40W
MURATA
CX2
1
0.8 pF ±0.05 pF, 50 V, C0G Ceramic Capacitor (0402)
GJM1555C1HR80W
MURATA
R30, R31, R32, R33,
R34, R35, C19
7
0 Ω Resistor (0402)
ERJ-2GE0R00X
Panasonic
R36
1
20 Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF20R0X
Panasonic
R13, R14, R15
3
100 Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1000X
Panasonic
R18, R19
2
127 Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1270X
Panasonic
R20
1
4.3 kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF4301X
Panasonic
R10, R24
2
43 kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF4302X
Panasonic
R12, R25
2
47 kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF4702X
Panasonic
R9, R26
2
75 kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF7502X
Panasonic
RX1
1
1.74 kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1741X
Panasonic
J9, J14, J17
3
CONN HEADER VERT SGL 2 X 1 POS GOLD
961102-6404-AR
3M
J5
1
CONN HEADER VERT SGL 4 X 1 POS GOLD
961104-6404-AR
3M
J6, J7, J18
3
Edge Launch SMA (0.250 inch pitch ground, round)
142-0711-821
Emerson Johnson
J4, J11, J13
3
Edge Launch SMA (0.375 inch pitch ground, tab)
142-0701-851
Emerson Johnson
L1, L2, L3, L4
4
1 uH ±5%, .500 A, Ferrite Chip Inductor (0805)
0805LS-102XJLB
COILCRAFT
T1, T2
2
10-700 MHz 50 Ω, RF Transformer (2:1)
TC2-72T+
Mini Circuits
U1
1
DPD Demodulator
F1385
IDT
1
Printed Circuit Board
F13XX
IDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com