Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0440 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 400MHz to 2700MHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F0440 Datasheet HTML 1Page - Renesas Technology Corp F0440 Datasheet HTML 2Page - Renesas Technology Corp F0440 Datasheet HTML 3Page - Renesas Technology Corp F0440 Datasheet HTML 4Page - Renesas Technology Corp F0440 Datasheet HTML 5Page - Renesas Technology Corp F0440 Datasheet HTML 6Page - Renesas Technology Corp F0440 Datasheet HTML 7Page - Renesas Technology Corp F0440 Datasheet HTML 8Page - Renesas Technology Corp F0440 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
F0440 Datasheet
© 2021 Renesas Electronics Corporation
5
November 4, 2021
Electrical Characteristics
Table 5. Electrical Characteristics
See F0440 Typical Application Circuit. VCC = +5V, TC = +25°C, Specifications apply operated as a dual-path RF DVGA unless otherwise
noted, Max gain setting, output power = 0dBm, ZRFI = ZRFO = 50Ω, unless otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Logic Input High
VIH
These apply for 5V, 3.3V, and 1.8V
logic levels
1.1 [a]
V
Logic Input Low
VIL
0.63
Logic Current (per pin)
IIH, IIL
STBY_A, STBY_B
5V logic
-5
127[b]
μA
3.3V logic
-5
87
1.8V logic
-5
47
SPI_, VCTRL0,
VCTRL1, VCTRL2
3.3V logic
-5
5
1.8V logic
-5
5
Supply Current
ICC_LB
Low Band Configuration
245
mA
ICC_MB
Mid Band Configuration
245
270
ICC_HB
High Band Configuration
245
ICC_STBY
Standby Mode[c]
7
14
Startup time
Tstart
50% of STBY going low to Gain
within ±1dB with no attenuation.
74
ns
DSA0 Adjust Range / Step
GSTEP0
6
dB
DSA1 Adjustment Range
GADJ1
23
dB
DSA1 Step
GSTEP1
1
dB
DSA2 Adjustment Range
GADJ2
18
dB
DSA2 Step
GSTEP2
6
dB
Max Attenuation Glitch
ATTNG
2
dB
DSA0 Gain Settling Time [d]
ATT0_SW_0to6 50% CTL to within 0.1dB final value,
0 dB state to 6dB state
24
35
ns
ATT0_SW_6to1 50% CTL to within 0.1dB final value,
6dB state to 0dB state
18
35
ns
DSA2 Gain Settling Time
ATT2_SW_0to18 50% CTL to within 0.1dB final value,
0dB state to 18dB state
16
35
ns
ATT2_SW_18to0 50% CTL to within 0.1dB final value,
18 dB state to 0dB state
15
35
ns
DSA1 Gain Settling Time
DSA1ST
50% of CSb to within 0.1dB final
value
300
ns
DSA2 Phase Settling Time
ATT2_PH_0to18 50% CTL to within 1 degree of final
value, 0dB state to 18dB state
16
35
ns
ATT2_PH_18to0 50% CTL to within 1 degree of final
value, 18dB state to 0dB state
15
35
ns
Stability K Factor
KFACT
Over entire temperature range
1.4
unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com