Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0440 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 400MHz to 2700MHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F0440 Datasheet HTML 1Page - Renesas Technology Corp F0440 Datasheet HTML 2Page - Renesas Technology Corp F0440 Datasheet HTML 3Page - Renesas Technology Corp F0440 Datasheet HTML 4Page - Renesas Technology Corp F0440 Datasheet HTML 5Page - Renesas Technology Corp F0440 Datasheet HTML 6Page - Renesas Technology Corp F0440 Datasheet HTML 7Page - Renesas Technology Corp F0440 Datasheet HTML 8Page - Renesas Technology Corp F0440 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
F0440 Datasheet
© 2021 Renesas Electronics Corporation
2
November 4, 2021
Pin Assignments
Figure 2. Pin Assignments for 6 x 6 mm 36-TQFN Package – Top View
18
17
16
15
14
13
12
11
10
27
26
25
24
23
22
36
35
34
33
32
31
30
29
28
F0440
Decode
Logic
Bias
Control
NC
RFout_A
VCC
Rset
VCC
DSA0_A
DSA0_B
DSA2_A
DSA2_B
9
8
7
6
5
4
3
2
1
RFin_B
VCTRL0_B
VCTRL0_A
RFin_A
SPI Data
GND
GND
VCC
SPI Clk
DSA1_A
DSA1_B
RDset
NC
VCC
RFout_B
21
20
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com