Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0440 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 400MHz to 2700MHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F0440 Datasheet HTML 12Page - Renesas Technology Corp F0440 Datasheet HTML 13Page - Renesas Technology Corp F0440 Datasheet HTML 14Page - Renesas Technology Corp F0440 Datasheet HTML 15Page - Renesas Technology Corp F0440 Datasheet HTML 16Page - Renesas Technology Corp F0440 Datasheet HTML 17Page - Renesas Technology Corp F0440 Datasheet HTML 18Page - Renesas Technology Corp F0440 Datasheet HTML 19Page - Renesas Technology Corp F0440 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
F0440 Datasheet
© 2021 Renesas Electronics Corporation
16
November 4, 2021
Typical Performance [DSA1 Errors, S-parameters with varied DSA2]
Figure 25. DSA1 Absolute Attenuation Error
[DSA0 = 0dB, DSA2 = 0dB]
Figure 26. DSA1 Attenuator Step Error
[DSA0 = 0dB, DSA2 = 0dB]
Figure 27. S21 [DSA0 = 0dB, DSA1 = 0dB, DSA2
varied]
Figure 28. S12 [DSA0 = 0dB, DSA1 =0dB, DSA2
varied]
Figure 29. S11 [DSA0 = 0dB, DSA1 = 0dB, DSA2
varied]
Figure 30. S22 [DSA0 = 0dB, DSA1 = 0dB, DSA2
varied]
-0.500
-0.400
-0.300
-0.200
-0.100
0.000
0.100
0.200
0.300
0.400
0.500
0
2
4
6
8
10
12
14
16
18
20
22
24
DSA1 Attenuation (dB)
-40C case/ 0.9GHz
-40C case/ 2.0GHz
-40C case/ 2.7GHz
+25C case/ 0.9GHz
+25C case/ 2.0GHz
+25C case/ 2.7GHz
+105C case/ 0.9GHz
+105C case/ 2.0GHz
+105C case/ 2.7GHz
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0
2
4
6
8
10
12
14
16
18
20
22
24
DSA1 Attenuation (dB)
-40C case/ 0.9GHz
-40C case/ 2.0GHz
-40C case/ 2.7GHz
+25C case/ 0.9GHz
+25C case/ 2.0GHz
+25C case/ 2.7GHz
+105C case/ 0.9GHz
+105C case/ 2.0GHz
+105C case/ 2.7GHz
-15
-10
-5
0
5
10
15
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
DSA2=0dB
DSA2=6dB
DSA2=12dB
DSA2=18dB
-50
-45
-40
-35
-30
-25
-20
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
DSA2=0dB
DSA2=6dB
DSA2=12dB
DSA2=18dB
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
DSA2=0dB
DSA2=6dB
DSA2=12dB
DSA2=18dB
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
DSA2=0dB
DSA2=6dB
DSA2=12dB
DSA2=18dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com