Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0440 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 400MHz to 2700MHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button F0440 Datasheet HTML 16Page - Renesas Technology Corp F0440 Datasheet HTML 17Page - Renesas Technology Corp F0440 Datasheet HTML 18Page - Renesas Technology Corp F0440 Datasheet HTML 19Page - Renesas Technology Corp F0440 Datasheet HTML 20Page - Renesas Technology Corp F0440 Datasheet HTML 21Page - Renesas Technology Corp F0440 Datasheet HTML 22Page - Renesas Technology Corp F0440 Datasheet HTML 23Page - Renesas Technology Corp F0440 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
F0440 Datasheet
© 2021 Renesas Electronics Corporation
20
November 4, 2021
Programming
Serial Control Mode
Figure 47. Serial Register Timing Diagram (LSB-FIRST)
Table 13. DSA1 Serial Mode Default Condition
When the device is first powered up, DS1 will default to the Maximum Attenuation setting as shown.
Note – F0440 includes a CLK inhibit feature designed to minimize sensitivity to CLK bus noise when the device is not being
programmed. When CSb is high (> VIH), the CLK input is disabled and serial data (DATA) is not clocked into the shift register. It
is recommended that CSb be pulled high (>VIH) when the device is not being programmed.
Data Word
Latched into
Active Register
CLK
1
2
3
4
5
6
7
8
9
CSb
DATA
D1
D0
D2
D6
D3
D5
D4
LSB
X
X
1 dB
2 dB
4 dB
X
8 dB 16 dB
D7
X - don’t care
MSB
Data Word 8 bits
Default Register Setting
x
x
x
1
1
1
1
1
LSB
MSB
D0
D1
D2
D3
D4
D5
D6
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com