Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6922 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F6922
Description  Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6922 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F6922 Datasheet HTML 1Page - Renesas Technology Corp F6922 Datasheet HTML 2Page - Renesas Technology Corp F6922 Datasheet HTML 3Page - Renesas Technology Corp F6922 Datasheet HTML 4Page - Renesas Technology Corp F6922 Datasheet HTML 5Page - Renesas Technology Corp F6922 Datasheet HTML 6Page - Renesas Technology Corp F6922 Datasheet HTML 7Page - Renesas Technology Corp F6922 Datasheet HTML 8Page - Renesas Technology Corp F6922 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
F6922 Datasheet
R35DS0003EU0100
Rev.1.0
Jun 25, 2021
Page 4
1.
Pin Information
1.1
Pin Assignments
Figure 2. Pin Assignments – Top View
1.2
Pin Descriptions
Pin Number
Name
Type
I/O
Description
A1, A2, A5,
B3, B4,
C1, C2, C3, C4, C5,
D3, D4,
E1, E2, E5
GND
Ground
–
DC and RF ground.
A3
VDD1
Power
Input
Positive supply voltage input for channel 1.
E3
VDD2
Power
Input
Positive supply voltage input for channel 2.
A4, E4
IREF
Power
Input
Reference bias current input, tied to a common node
shared by channels 1 and 2. Connect directly to a current
source, voltage source through a resistor, or to the IBx
pin of the F61xx.
B1
RFI1
Analog
Input
Channel 1 RF input port.
D1
RFI2
Analog
Input
Channel 2 RF input port.
B5
RFO1
Analog
Output
Channel 1 RF output port.
D5
RFO2
Analog
Output
Channel 2 RF output port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com