Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6922 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F6922
Description  Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6922 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F6922 Datasheet HTML 2Page - Renesas Technology Corp F6922 Datasheet HTML 3Page - Renesas Technology Corp F6922 Datasheet HTML 4Page - Renesas Technology Corp F6922 Datasheet HTML 5Page - Renesas Technology Corp F6922 Datasheet HTML 6Page - Renesas Technology Corp F6922 Datasheet HTML 7Page - Renesas Technology Corp F6922 Datasheet HTML 8Page - Renesas Technology Corp F6922 Datasheet HTML 9Page - Renesas Technology Corp F6922 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
F6922 Datasheet
R35DS0003EU0100
Rev.1.0
Jun 25, 2021
Page 6
2.4
Electrical Specifications
Specifications apply when operated at TAMB = 25°C.
2.4.1.
DC Electrical Specifications
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Supply Current, Per Channel
IDD
VDD = 0.95V, IREF = 100
μA
15.5
mA
Supply Current, Idle-state [1]
IDD_IDLE
IIREF
= 0μA
1
μA
1.
IREF pin can be grounded or floating to achieve idle-state.
2.4.2.
RF Electrical Specifications
Unless stated otherwise, all specifications are for VDD = 0.95V, IREF = 100
μA, TAMB = 25°C, ZS = ZL = 50Ω,
fRF = 17.7 - 21.2GHz.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Unit
Gain
G
fRF = 19.5 GHz
19.5
dB
Gain Flatness vs. Frequency
GVAR_FREQ
fRF = 17.7 - 21.2GHz
1.4
dB
Within any 250MHz
0.1
dB
Noise Figure
NF
1.8
dB
Output 1dB Compression Point
OP1dB
-2.3
dBm
Output 3rd Order Intercept Point
OIP3
Pin = -
35 dBm/tone, Δf = 1MHz
10
dBm
Input Return Loss
IRL
28
dB
Output Return Loss
ORL
24
dB
Reverse Isolation
ISO
34
dB
Channel-to-channel Isolation
ISOCH-CH
S21-S41
30
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com