Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6922 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # F6922
Description  Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6922 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button F6922 Datasheet HTML 7Page - Renesas Technology Corp F6922 Datasheet HTML 8Page - Renesas Technology Corp F6922 Datasheet HTML 9Page - Renesas Technology Corp F6922 Datasheet HTML 10Page - Renesas Technology Corp F6922 Datasheet HTML 11Page - Renesas Technology Corp F6922 Datasheet HTML 12Page - Renesas Technology Corp F6922 Datasheet HTML 13Page - Renesas Technology Corp F6922 Datasheet HTML 14Page - Renesas Technology Corp F6922 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
F6922 Datasheet
R35DS0003EU0100
Rev.1.0
Jun 25, 2021
Page 11
5.2
Evaluation Board Schematic
Figure 18. Evaluation Board Schematic
Table 1. Bill of Material (BOM)
Part Ref.
Qty
Description
Manufacturer Part #
Manufacturer
C1, C2
2
33pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H330J
MURATA
C3, C4
2
1uF ±10%, 16V, X6S Ceramic Capacitor (0402)
GRM155C81C105K
MURATA
C7
1
10uF ±20%, 16V, X6S Ceramic Capacitor (0603)
GRM188C81C106M
MURATA
R1
1
4.42
kΩ ±1%, 1/16W, Resistor (0402)
R2
1
DNI
R3, R4
2
0Ω Resistors (0402)
ERJ-2GE0R00X
PANASONIC
J5-J8
4
Edge Launch 2.92mm 40GHz
ELF-40-002
SIGNAL
MICROWAVE
TP1, TP2
2
Test Point Yellow
5004
Keystone Electronics
J11
1
CONN HEADER R/A 2POS 2.54MM
1718571002
MOLEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com