Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6922 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F6922
Description  Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6922 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F6922 Datasheet HTML 1Page - Renesas Technology Corp F6922 Datasheet HTML 2Page - Renesas Technology Corp F6922 Datasheet HTML 3Page - Renesas Technology Corp F6922 Datasheet HTML 4Page - Renesas Technology Corp F6922 Datasheet HTML 5Page - Renesas Technology Corp F6922 Datasheet HTML 6Page - Renesas Technology Corp F6922 Datasheet HTML 7Page - Renesas Technology Corp F6922 Datasheet HTML 8Page - Renesas Technology Corp F6922 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Datasheet
F6922
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
R35DS0003EU0100
Rev.1.0
Jun 25, 2021
Page 1
The F6922 is an ultra-low power consumption, dual-
channel, low noise amplifier (LNA) RFIC designed
for application in Ka-Band SATCOM planar phased
array antennas. The exceptional combination of low
power consumption, low noise, high gain, and
compact size, maximizes the antenna array G/T
while minimizing overall system power dissipation.
An external bias current provides gain control,
standby mode and temperature compensation.
The F6922 includes two independent gain/phase
matched LNA channels in a compact 23-pin, 0.5mm
pitch BGA package. All inputs and outputs are
single-
ended and 50Ω matched for ease of
integration on to phased array antenna panels.
Figure 1. Block Diagram
Features
■
Frequency: 17.7 – 21.2 GHz
■
Gain: 19.5dB typ. at 19.5GHz
■
Noise figure: 1.8dB
■
Output P1dB: -2.3dBm
■
Power consumption: 15mW/ch
■
Channel isolation: 30dB
■
Supply voltage: 0.9 – 1.0V
■
Common bias control input
■
Compact size for planar integration on λ/2 grid
■
2.7 × 2.7 × 0.9 mm, 23-pin BGA
■
-40°C to +85°C ambient operating temperature
range
Note: Performance is typical in the operating band.
For more details, see the Specifications and Typical
Performance Characteristics sections.
Applications
■
Electronically Steered Phased Array Antennas
(ESAs)
■
Aerospace, Maritime, and Satcom-on-the-move
(SOTM)
■
Ka-Band SATCOM Terminals
■
Communication, Electronic Warfare (EW), and
Radar Systems


Similar Part No. - F6922

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6922 RENESAS-F6922 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6922AVRI RENESAS-F6922AVRI Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6922AVRI8 RENESAS-F6922AVRI8 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6922EVB RENESAS-F6922EVB Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
More results

Similar Description - F6922

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5023 HP-AMMC-5023 Datasheet
215Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5033 AVAGO-AMMC-5033 Datasheet
398Kb / 9P
17.7 - 32 GHz Power Amplifier
AMMC-5023 AVAGO-AMMC-5023 Datasheet
271Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
Renesas Technology Corp
F6921 RENESAS-F6921 Datasheet
128Kb / 3P
Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
F6922 RENESAS-F6922 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
logo
Broadcom Corporation.
AMMC-5033 BOARDCOM-AMMC-5033 Datasheet
371Kb / 9P
17.7 - 32 GHz Power Amplifier
AMMC-5023 BOARDCOM-AMMC-5023 Datasheet
283Kb / 9P
23 GHz Low Noise Amplifier (21.2??6.5 GHz)
logo
Renesas Technology Corp
F6212 RENESAS-F6212 Datasheet
261Kb / 3P
Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
F6921 RENESAS-F6921_V01 Datasheet
887Kb / 17P
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com