Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6922 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F6922
Description  Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6922 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F6922 Datasheet HTML 8Page - Renesas Technology Corp F6922 Datasheet HTML 9Page - Renesas Technology Corp F6922 Datasheet HTML 10Page - Renesas Technology Corp F6922 Datasheet HTML 11Page - Renesas Technology Corp F6922 Datasheet HTML 12Page - Renesas Technology Corp F6922 Datasheet HTML 13Page - Renesas Technology Corp F6922 Datasheet HTML 14Page - Renesas Technology Corp F6922 Datasheet HTML 15Page - Renesas Technology Corp F6922 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
F6922 Datasheet
R35DS0003EU0100
Rev.1.0
Jun 25, 2021
Page 12
5.3
Evaluation Board Operation
This section provides general information about operating the F6922 evaluation board. For more information
about the board, see the F69xx Evaluation Board Manual on the F6922 product page.
5.3.1.
Single Power Supply Operation
Connect the positive and negative outputs of a power supply (VDD) to J11. In addition, connect the positive
output of the VDD supply to TP1. While there are two IREF pins on the F6922 device (which are individually
accessible via TP1 and TP2 on the evaluation board), these pins (A4 and E4) are internally connected to the
same node on the device, simultaneously controlling the bias of channels 1 and 2. Set the power supply to 0.95V
and enable the power supply output. Monitor the VDD supply output current to confirm the nominal bias point is
set correctly (approximately 31mA).
5.3.2.
Independent VDD and IREF Bias Control
5.3.2.1.
Two Voltage Sources
Connect the positive and negative outputs of a power supply (VDD) to J11. In addition, connect the positive
output of a second supply (VREF) to TP1 and the negative output to the negative output of the VDD supply. Set
both power supplies to 0.95V and enable the power supply outputs. Monitor the IDD of the VDD supply to confirm
the nominal bias point is set correctly (approximately 31mA).
5.3.2.2.
Voltage Source and Current Source
Connect the positive and negative outputs of a power supply (VDD) to J11. In addition, connect an independent
current supply (IREF) to TP1 and the ground of the current supply to the negative terminal of the VDD supply. Set
VDD to 0.95V, IREF to 100
μA, and enable the power supply outputs. Monitor the IDD of the VDD supply to confirm
the nominal bias point is set correctly (approximately 31mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com