Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESP32C3 Datasheet(PDF) 32 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32C3 Datasheet(HTML) 32 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32C3 Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
4
Electrical Characteristics
1 To get better DNL results, you can sample multiple times and apply a filter, or calculate the average value.
2 kSPS means kilo samples-per-second.
4.6 Current Consumption
The current consumption measurements are taken with a 3.3 V supply at 25 °C of ambient temperature at the RF
port. All transmitters’ measurements are based on a 100% duty cycle.
Table 16: Current Consumption Depending on RF Modes
Work mode
Description
Peak (mA)
Active (RF working)
TX
802.11b, 1 Mbps, @21 dBm
335
802.11g, 54 Mbps, @19 dBm
285
802.11n, HT20, MCS7, @18.5 dBm
276
802.11n, HT40, MCS7, @18.5 dBm
278
RX
802.11b/g/n, HT20
84
802.11n, HT40
87
Table 17: Current Consumption Depending on Work Modes
Work mode
Description
Typ
Unit
Modem-sleep1, 2
The CPU is
powered on3
160 MHz
20
mA
80 MHz
15
mA
Light-sleep
—
130
µA
Deep-sleep
RTC timer + RTC memory
5
µA
Power off
CHIP_PU is set to low level, the chip is powered off
1
µA
1 The current consumption figures in Modem-sleep mode are for cases where the CPU is powered on and
the cache idle.
2 When Wi-Fi is enabled, the chip switches between Active and Modem-sleep modes. Therefore, current
consumption changes accordingly.
3 In Modem-sleep mode, the CPU frequency changes automatically. The frequency depends on the CPU
load and the peripherals used.
4.7 Reliability
Table 18: Reliability Qualifications
Test Item
Test Conditions
Test Standard
HTOL (High Temperature
Operating Life)
125 °C, 1000 hours
JESD22-A108
ESD (Electro-Static
Discharge Sensitivity)
HBM (Human Body Mode)1± 2000 V
JS-001
CDM (Charge Device Mode)2± 1000 V
JS-002
Latch up
Current trigger ± 200 mA
JESD78
Voltage trigger 1.5 × VDDmax
Cont’d on next page
Espressif Systems
32
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com