Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESP32C3 Datasheet(PDF) 7 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32C3 Datasheet(HTML) 7 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32C3 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
List of Tables
List of Tables
1
ESP32-C3 Series Comparison
9
2
Pin Description
10
3
Description of ESP32-C3 Power-up and Reset Timing Parameters
13
4
Strapping Pins
14
5
Parameter Descriptions of Setup and Hold Times for the Strapping Pins
15
6
IO MUX Pin Functions
19
7
Power-Up Glitches on Pins
20
8
Mapping of SPI Signals and Chip Pads
21
9
Connection Between ESP32-C3 and External Flash
21
10
Peripheral Pin Configurations
27
11
Absolute Maximum Ratings
30
12
Recommended Operating Conditions
30
13
VDD_SPI Output Characteristics
30
14
DC Characteristics (3.3 V, 25 °C)
31
15
ADC Characteristics
31
16
Current Consumption Depending on RF Modes
32
17
Current Consumption Depending on Work Modes
32
18
Reliability Qualifications
32
19
Wi-Fi Frequency
33
20
TX Power with Spectral Mask and EVM Meeting 802.11 Standards
33
21
TX EVM Test
34
22
RX Sensitivity
34
23
Maximum RX Level
35
24
RX Adjacent Channel Rejection
35
25
Bluetooth LE Frequency
35
26
Transmitter Characteristics - Bluetooth LE 1 Mbps
36
27
Transmitter Characteristics - Bluetooth LE 2 Mbps
36
28
Transmitter Characteristics - Bluetooth LE 125 Kbps
36
29
Transmitter Characteristics - Bluetooth LE 500 Kbps
37
30
Receiver Characteristics - Bluetooth LE 1 Mbps
37
31
Receiver Characteristics - Bluetooth LE 2 Mbps
38
32
Receiver Characteristics - Bluetooth LE 125 Kbps
38
33
Receiver Characteristics - Bluetooth LE 500 Kbps
39
Espressif Systems
7
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com