Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESP32C3 Datasheet(PDF) 33 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32C3 Datasheet(HTML) 33 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32C3 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
4
Electrical Characteristics
Table 18 – cont’d from previous page
Test Item
Test Conditions
Test Standard
Preconditioning
Bake 24 hours @125 °C
Moisture soak (level 3: 192 hours @30 °C, 60% RH)
IR reflow solder: 260 + 0 °C, 20 seconds, three times
J-STD-020, JESD47,
JESD22-A113
TCT (Temperature Cycling
Test)
–65 °C / 150 °C, 500 cycles
JESD22-A104
uHAST (Highly
Accelerated Stress Test,
unbiased)
130 °C, 85% RH, 96 hours
JESD22-A118
HTSL (High Temperature
Storage Life)
150 °C, 1000 hours
JESD22-A103
LTSL (Low Temperature
Storage Life)
– 40 °C, 1000 hours
JESD22-A119
1 JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
2 JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process.
4.8 Wi­Fi Radio
Table 19: Wi­Fi Frequency
Min
Typ
Max
Parameter
(MHz)
(MHz)
(MHz)
Center frequency of operating channel
2412
—
2484
4.8.1 Wi­Fi RF Transmitter (TX) Specifications
Table 20: TX Power with Spectral Mask and EVM Meeting 802.11 Standards
Min
Typ
Max
Rate
(dBm)
(dBm)
(dBm)
802.11b, 1 Mbps
—
21.0
—
802.11b, 11 Mbps
—
21.0
—
802.11g, 6 Mbps
—
21.0
—
802.11g, 54 Mbps
—
19.0
—
802.11n, HT20, MCS0
—
20.0
—
802.11n, HT20, MCS7
—
18.5
—
802.11n, HT40, MCS0
—
20.0
—
802.11n, HT40, MCS7
—
18.5
—
Espressif Systems
33
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com